Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 9Page - Analog Devices ADE7932 Datasheet HTML 10Page - Analog Devices ADE7932 Datasheet HTML 11Page - Analog Devices ADE7932 Datasheet HTML 12Page - Analog Devices ADE7932 Datasheet HTML 13Page - Analog Devices ADE7932 Datasheet HTML 14Page - Analog Devices ADE7932 Datasheet HTML 15Page - Analog Devices ADE7932 Datasheet HTML 16Page - Analog Devices ADE7932 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 13 of 120
ADE7933/ADE7932 SPECIFICATIONS
VDD1 = 3.3 V ± 10%, GND = 0 V, on-chip reference, XTAL1 = 4.096 MHz, TMIN to TMAX = −40°C to +85°C, TTYP = 25°C.
Table 6.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
ANALOG INPUTS
Pseudo Differential Signal Voltage Range
Between IP and IM Pins
−31.25
+31.25
mV peak
IM pin connected to GNDISO
Between V1P and VM Pins and
Between V2P and VM Pins
−500
+500
mV peak
Pseudo differential inputs between V1P
and VM pins and between V2P and VM pins,
VM pin connected to GNDISO
Maximum VM and IM Voltage
−25
+25
mV
Crosstalk
−90
dB
IP and IM inputs set to 0 V (GNDISO), V1P and
V2P inputs at full scale
−105
dB
V2P or V1P and VM inputs set to 0 V (GNDISO),
IP and V1P or V2P inputs at full scale
Input Impedance to GNDISO (DC)
IP, IM, V1P, and V2P Pins
480
kΩ
VM Pin
280
kΩ
Current Channel ADC Offset Error
−2
mV
Voltage Channel ADC Offset Error
−35
mV
V2 channel applies to the ADE7933 only
ADC Offset Drift over Temperature
−500
+500
ppm/°C
V1 channel only
Gain Error
−4
+4
%
Gain Drift over Temperature
−135
+135
ppm/°C
Current channel
−65
+65
ppm/°C
V1 and V2 channels
AC Power Supply Rejection
−90
dB
VDD = 3.3 V + 120 mV rms at 50 Hz/100 Hz,
IP = V1P = V2P = GNDISO
DC Power Supply Rejection
−80
dB
VDD = 3.3 V ± 330 mV dc, IP = 6.25 mV rms,
V1P = V2P = 100 mV rms
TEMPERATURE SENSOR
Accuracy
±5
°C
CLOCK INPUT
All specifications for XTAL1 = 4.096 MHz
Input Clock Frequency, XTAL1
3.6
4.096
4.21
MHz
Nominal value provided by the ADE7978;
min and max values apply if the ADE7933/
ADE7932 are used without the ADE7978
XTAL1 Duty Cycle
45
50
55
%
Values apply if the ADE7933/ADE7932 are
used without the ADE7978
XTAL1 Logic Inputs
Input High Voltage, VINH
2.4
V
Input Low Voltage, VINL
0.8
V
XTAL1 Total Capacitance2
40
pF
XTAL2 Total Capacitance2
40
pF
LOGIC INPUTS—SYNC, V2/TEMP, RESET_EN,
EMI_CTRL
Input High Voltage, VINH
2.4
V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
15
nA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS—DATA
Output High Voltage, VOH
2.5
V
ISOURCE = 800 µA
Output Low Voltage, VOL
0.4
V
ISINK = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com