Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 44 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 40Page - Analog Devices ADE7932 Datasheet HTML 41Page - Analog Devices ADE7932 Datasheet HTML 42Page - Analog Devices ADE7932 Datasheet HTML 43Page - Analog Devices ADE7932 Datasheet HTML 44Page - Analog Devices ADE7932 Datasheet HTML 45Page - Analog Devices ADE7932 Datasheet HTML 46Page - Analog Devices ADE7932 Datasheet HTML 47Page - Analog Devices ADE7932 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 44 of 120
Time Interval Between Phases
The ADE7978 can measure the time delay between phase
voltages, between phase currents, or between the voltages and
currents of the same phase. The negative to positive transitions
identified by the zero-crossing detection circuit are used as the
start and stop measuring points. Because the zero-crossing events
are identified based on the fundamental components of the phase
currents and voltages, the time interval measurements relate to
the fundamental components. Only one set of time delay measure-
ments is available at one time; these measurements are based on
Bits[10:9] (ANGLESEL[1:0]) in the COMPMODE register
(Address 0xE60E).
When the ANGLESEL[1:0] bits are set to 00 (the default value),
the delays between voltages and currents on the same phase are
measured (see Figure 57). The delay between the Phase A voltage
and Phase A current is stored in the 16-bit unsigned ANGLE0
register (Address 0xE601). The delays between the voltages and
currents of Phase B and Phase C are stored in the ANGLE1 and
ANGLE2 registers, respectively.
PHASE A
CURRENT
ANGLE0
PHASE A
VOLTAGE
Figure 57. Delay Between Phase A Voltage and Phase A Current Is
Stored in the ANGLE0 Register
When the ANGLESEL[1:0] bits are set to 01, the delays between
phase voltages are measured. The delay between the Phase A volt-
age and the Phase C voltage is stored in the ANGLE0 register. The
delay between the Phase B voltage and the Phase C voltage is
stored in the ANGLE1 register, and the delay between the Phase A
voltage and the Phase B voltage is stored in the ANGLE2 register
(see Figure 58).
PHASE B
PHASE C
PHASE A
ANGLE2
ANGLE0
ANGLE1
Figure 58. Delays Between Phase Voltages or Phase Currents
When the ANGLESEL[1:0] bits are set to 10, the delays between
phase currents are measured. The delay between the Phase A
current and the Phase C current is stored in the ANGLE0 register,
the delay between the Phase B current and the Phase C current is
stored in the ANGLE1 register, and the delay between the Phase A
current and the Phase B current is stored in the ANGLE2 register
(see Figure 58).
The ANGLE0, ANGLE1, and ANGLE2 registers are 16-bit
unsigned registers with 1 LSB corresponding to 3.90625 μs
(256 kHz clock), which means a resolution of 0.0703° (360° ×
50 Hz/256 kHz) for 50 Hz systems and 0.0843° (360° × 60 Hz/
256 kHz) for 60 Hz systems. The delays between phase voltages
or between phase currents are used to characterize how balanced
the load is. The delays between phase voltages and currents are
used to compute the fundamental power factor on each phase,
as shown in Equation 15.
cosφx = cos
×
×
kHz
256
360
LINE
f
ANGLEx
(15)
where fLINE is the line frequency.
PERIOD MEASUREMENT
The ADE7978 provides the period measurement of the line in the
voltage channel. The period of each phase voltage is measured and
stored in three registers: APERIOD, BPERIOD, and CPERIOD
(Address 0xE905 to Address 0xE907). The 16-bit unsigned period
registers are updated every line period. Because of the LPF1 filter
(see Figure 53), the period measurement becomes stable after a
settling time of 30 ms to 40 ms.
The period measurement has a resolution of 3.90625 μs/LSB
(256 kHz clock), which represents 0.0195% (50 Hz/256 kHz)
when the line frequency is 50 Hz and 0.0234% (60 Hz/256 kHz)
when the line frequency is 60 Hz. The value of the period registers
for 50 Hz networks is approximately 5120 (256 kHz/50 Hz); the
value of the period registers for 60 Hz networks is approximately
4267 (256 kHz/60 Hz). The length of the registers enables the
measurement of line frequencies as low as 3.9 Hz (256 kHz/216).
The period registers are stable at ±1 LSB when the line is estab-
lished and the measurement does not change.
Use the following equations to compute the line period and
frequency using the period registers:
TL = xPERIOD[15:0]/256E3 (sec)
(16)
fL = 256E3/xPERIOD[15:0] (Hz)
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com