Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 107 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 107 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 103Page - Analog Devices ADE7932 Datasheet HTML 104Page - Analog Devices ADE7932 Datasheet HTML 105Page - Analog Devices ADE7932 Datasheet HTML 106Page - Analog Devices ADE7932 Datasheet HTML 107Page - Analog Devices ADE7932 Datasheet HTML 108Page - Analog Devices ADE7932 Datasheet HTML 109Page - Analog Devices ADE7932 Datasheet HTML 110Page - Analog Devices ADE7932 Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 107 of 120
Table 44. STATUS1 Register (Address 0xE503)
Bits
Bit Name
Default Value
Description
0
NLOAD
0
When this bit is set to 1, it indicates that at least one phase entered or exited the no load
condition based on the total active and reactive powers. The phase is indicated in Bits[2:0]
(NLPHASE[x]) in the PHNOLOAD register (see Table 48).
1
FNLOAD
0
When this bit is set to 1, it indicates that at least one phase entered or exited the no load
condition based on the fundamental active and reactive powers. The phase is indicated in
Bits[5:3] (FNLPHASE[x]) in the PHNOLOAD register (see Table 48).
2
VANLOAD
0
When this bit is set to 1, it indicates that at least one phase entered or exited the no load
condition based on the apparent power. The phase is indicated in Bits[8:6] (VANLPHASE[x])
in the PHNOLOAD register (see Table 48).
3
ZXTOVA
0
When this bit is set to 1, it indicates that a zero crossing on the Phase A voltage is missing.
4
ZXTOVB
0
When this bit is set to 1, it indicates that a zero crossing on the Phase B voltage is missing.
5
ZXTOVC
0
When this bit is set to 1, it indicates that a zero crossing on the Phase C voltage is missing.
6
ZXTOIA
0
When this bit is set to 1, it indicates that a zero crossing on the Phase A current is missing.
7
ZXTOIB
0
When this bit is set to 1, it indicates that a zero crossing on the Phase B current is missing.
8
ZXTOIC
0
When this bit is set to 1, it indicates that a zero crossing on the Phase C current is missing.
9
ZXVA
0
When this bit is set to 1, it indicates that a zero crossing was detected on the Phase A voltage.
10
ZXVB
0
When this bit is set to 1, it indicates that a zero crossing was detected on the Phase B voltage.
11
ZXVC
0
When this bit is set to 1, it indicates that a zero crossing was detected on the Phase C voltage.
12
ZXIA
0
When this bit is set to 1, it indicates that a zero crossing was detected on the Phase A current.
13
ZXIB
0
When this bit is set to 1, it indicates that a zero crossing was detected on the Phase B current.
14
ZXIC
0
When this bit is set to 1, it indicates that a zero crossing was detected on the Phase C current.
15
RSTDONE
1
At the end of a hardware or software reset, this bit is set to 1, and the IRQ1 pin goes low.
To clear this interrupt and return the IRQ1 pin high, write a 1 to this bit. The RSTDONE
interrupt cannot be masked; therefore, this bit must always be reset to 0 for the IRQ1 pin
to return high.
16
Sag
0
When this bit is set to 1, it indicates that a sag event occurred on the phase indicated by
Bits[14:12] (VSPHASE[x]) in the PHSTATUS register (see Table 47).
17
OI
0
When this bit is set to 1, it indicates that an overcurrent event occurred on the phase
indicated by Bits[5:3] (OIPHASE[x]) in the PHSTATUS register (see Table 47).
18
OV
0
When this bit is set to 1, it indicates that an overvoltage event occurred on the phase
indicated by Bits[11:9] (OVPHASE[x]) in the PHSTATUS register (see Table 47).
19
SEQERR
0
When this bit is set to 1, it indicates that a negative to positive zero crossing on the
Phase A voltage was followed by a negative to positive zero crossing on the Phase C
voltage instead of on the Phase B voltage.
20
MISMTCH
0
When this bit is set to 1, it indicates that ||ISUM| − |INWV|| > |ISUMLVL|, where ISUMLVL is
the value of the ISUMLVL register (Address 0x4398). For more information, see the Neutral
Current Mismatch section.
21
Reserved
1
Reserved. This bit is always set to 1.
22
Reserved
0
Reserved. This bit is always set to 0.
23
PKI
0
When this bit is set to 1, it indicates that the period used to detect the peak value in the
current channel has ended. The IPEAK register contains the peak value and the phase
where the peak was detected (see Table 41).
24
PKV
0
When this bit is set to 1, it indicates that the period used to detect the peak value in the
voltage channel has ended. The VPEAK register contains the peak value and the phase
where the peak was detected (see Table 42).
25
CRC
0
When this bit is set to 1, it indicates that the ADE7978 has computed a checksum value
that is different from the checksum value computed when the run register was set to 1.
[31:26]
Reserved
00 0000
Reserved. These bits are always set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com