Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 114 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 114 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 110Page - Analog Devices ADE7932 Datasheet HTML 111Page - Analog Devices ADE7932 Datasheet HTML 112Page - Analog Devices ADE7932 Datasheet HTML 113Page - Analog Devices ADE7932 Datasheet HTML 114Page - Analog Devices ADE7932 Datasheet HTML 115Page - Analog Devices ADE7932 Datasheet HTML 116Page - Analog Devices ADE7932 Datasheet HTML 117Page - Analog Devices ADE7932 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 114 of 120
Table 53. CONFIG Register (Address 0xE618)
Bits
Bit Name
Default Value
Description
[1:0]
ZX_DREADY
00
This bit manages the output signal at the ZX/DREADY pin. For more information about the
zero-crossing function, see the Zero-Crossing Detection section.
00: DREADY functionality is enabled (see the Digital Signal Processor section).
01: ZX functionality is generated by the Phase A voltage.
10: ZX functionality is generated by the Phase B voltage.
11: ZX functionality is generated by the Phase C voltage.
2
Reserved
0
Reserved. This bit is always set to 0.
3
Swap
0
1: the voltage channel outputs VA, VB, VC, and VN are swapped with the current channel
outputs IA, IB, IC, and IN, respectively. Thus, the current channel information is present in
the phase voltage channel registers and vice versa.
4
HPFEN
1
0: all high-pass filters in the voltage and current channels are disabled.
1: all high-pass filters in the voltage and current channels are enabled.
5
LPFSEL
0
This bit specifies the settling time introduced by the low-pass filter in the total active
power datapath.
0: settling time = 650 ms.
1: settling time = 1300 ms.
6
HSDCEN
0
0: HSDC serial port is disabled and CF3 functionality is configured on the CF3/HSCLK pin.
1: HSDC serial port is enabled and HSCLK functionality is configured on the CF3/HSCLK pin.
7
SWRST
0
When this bit is set to 1, a software reset is initiated.
[9:8]
VTOIA[1:0]
00
These bits select the phase voltage that is considered together with the Phase A current in
the power path.
00: Phase A voltage.
01: Phase B voltage.
10: Phase C voltage.
11: reserved (same as VTOIA[1:0] = 00).
[11:10]
VTOIB[1:0]
00
These bits select the phase voltage that is considered together with the Phase B current in
the power path.
00: Phase B voltage.
01: Phase C voltage.
10: Phase A voltage.
11: reserved (same as VTOIB[1:0] = 00).
[13:12]
VTOIC[1:0]
00
These bits select the phase voltage that is considered together with the Phase C current in
the power path.
00: Phase C voltage.
01: Phase A voltage.
10: Phase B voltage.
11: reserved (same as VTOIC[1:0] = 00).
14
INSEL
0
0: the NIRMS register (Address 0x43C9) contains the rms value of the neutral current.
1: the NIRMS register contains the rms value of ISUM, the instantaneous value of the sum
of all three phase currents, IA, IB, and IC.
15
Reserved
0
Reserved. This bit does not manage any functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com