Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 133Page - Microchip Technology PIC12F635ESS Datasheet HTML 134Page - Microchip Technology PIC12F635ESS Datasheet HTML 135Page - Microchip Technology PIC12F635ESS Datasheet HTML 136Page - Microchip Technology PIC12F635ESS Datasheet HTML 137Page - Microchip Technology PIC12F635ESS Datasheet HTML 138Page - Microchip Technology PIC12F635ESS Datasheet HTML 139Page - Microchip Technology PIC12F635ESS Datasheet HTML 140Page - Microchip Technology PIC12F635ESS Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 135
PIC12F635/PIC16F636/639
12.7
Time-out Sequence
On power-up, the time-out sequence is as follows: first,
PWRT time-out is invoked after POR has expired, then
OST is activated after the PWRT time-out has expired.
The total time-out will vary based on oscillator
Configuration and PWRTE bit status. For example, in
EC mode with PWRTE bit erased (PWRT disabled),
there will be no time-out at all. Figure 12-4, Figure 12-5
and Figure 12-6 depict time-out sequences. The device
can execute code from the INTOSC, while OST is active,
by enabling Two-Speed Start-up or Fail-Safe Clock
Monitor (See Section 3.7.2 “Two-Speed Start-up
Sequence”
and
Section 3.8
“Fail-Safe
Clock
Monitor”).
Since the time-outs occur from the POR pulse, if MCLR
is kept low long enough, the time-outs will expire. Then
bringing MCLR high will begin execution immediately
(see Figure 12-5). This is useful for testing purposes or
to
synchronize
more
than
one
PIC12F635/PIC16F636/639 device operating in parallel.
Table 12-5 shows the Reset conditions for some
special registers, while Table 12-4 shows the Reset
conditions for all the registers.
12.8
Power Control (PCON) Register
The Power Control register, PCON (address 8Eh), has
two Status bits to indicate what type of Reset that last
occurred.
Bit 0 is BOR (Brown-out). BOR is unknown on
Power-on Reset. It must then be set by the user and
checked on subsequent Resets to see if BOR = 0,
indicating that a Brown-out has occurred. The BOR
Status bit is a “don’t care” and is not necessarily
predictable
if
the
brown-out
circuit
is
disabled
(BOREN<1:0> =
00
in
the
Configuration
Word
register).
Bit 1 is POR (Power-on Reset). It is a ‘0’ on Power-on
Reset and unaffected otherwise. The user must write a
‘1’ to this bit following a Power-on Reset. On a
subsequent Reset, if POR is ‘0’, it will indicate that a
Power-on Reset has occurred (i.e., VDD may have
gone too low).
For more information, see Section 4.2.3 “Ultra
Low-Power Wake-up” and Section 12.6 “Brown-out
Reset (BOR)”.
TABLE 12-1:
TIME-OUT IN VARIOUS SITUATIONS
TABLE 12-2:
SUMMARY OF REGISTERS ASSOCIATED WITH BROWN-OUT RESET
TABLE 12-3:
PCON BITS AND THEIR SIGNIFICANCE
Oscillator
Configuration
Power-up
Brown-out Reset
Wake-up
from Sleep
PWRTE = 0
PWRTE = 1
PWRTE = 0
PWRTE = 1
XT, HS, LP
TPWRT + 1024 • TOSC
1024 • TOSC
TPWRT + 1024 • TOSC
1024 • TOSC
1024 • TOSC
RC, EC, INTOSC
TPWRT
—TPWRT
——
Name
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets(1)
CONFIG(2)
BOREN1
BOREN0
CPD
CP
MCLRE
PWRTE
WDTE
FOSC2
FOSC1
FOSC0
—
—
PCON
—
—
ULPWUE SBOREN
WUR
—POR
BOR
--01 --qq
--0u --uu
STATUS
IRP
RP1
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
Legend:
u
= unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition. Shaded cells are not used by BOR.
Note
1:
Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
See Configuration Word register (Register 12-1) for operation of all register bits.
POR
BOR
WUR
TO
PD
Condition
0xx11
Power-on Reset
u0u11
Brown-out Reset
uuu0u
WDT Reset
uuu00
WDT Wake-up
uuuuu
MCLR Reset during normal operation
uuu10
MCLR Reset during Sleep
uu010
Wake-up Reset during Sleep
u0u11
Brown-out Reset during Sleep
Legend: u = unchanged, x = unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com