Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 135Page - Microchip Technology PIC12F635ESS Datasheet HTML 136Page - Microchip Technology PIC12F635ESS Datasheet HTML 137Page - Microchip Technology PIC12F635ESS Datasheet HTML 138Page - Microchip Technology PIC12F635ESS Datasheet HTML 139Page - Microchip Technology PIC12F635ESS Datasheet HTML 140Page - Microchip Technology PIC12F635ESS Datasheet HTML 141Page - Microchip Technology PIC12F635ESS Datasheet HTML 142Page - Microchip Technology PIC12F635ESS Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 137
PIC12F635/PIC16F636/639
TABLE 12-4:
INITIALIZATION CONDITION FOR REGISTERS
Register
Address
Power-on
Reset
Wake-up Reset
MCLR Reset
WDT Reset
Brown-out Reset(1)
Wake-up Reset
Wake-up from Sleep
through Interrupt
Wake-up from Sleep
through WDT Time-out
W—
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF
00h/80h
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
02h/82h
0000 0000
0000 0000
PC + 1(3)
STATUS
03h/83h
0001 1xxx
000q quuu(4)
uuuq quuu(4)
FSR
04h/84h
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA
05h
--xx xx00
--00 0000
--uu uu00
PORTC(6)
07h
--xx xx00
--00 0000
--uu uu00
PCLATH
0Ah/8Ah
---0 0000
---0 0000
---u uuuu
INTCON
0Bh/8Bh
0000 000x
0000 000x
uuuu uuuu(2)
PIR1
0Ch
0000 00-0
0000 00-0
uuuu uu-u(2)
TMR1L
0Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1H
0Fh
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
10h
0000 0000
uuuu uuuu
-uuu uuuu
WDTCON
18h
---0 1000
---0 1000
---u uuuu
CMCON0
19h
0000 0000
0000 0000
uuuu uuuu
CMCON1
1Ah
---- --10
---- --10
---- --uu
OPTION_REG
81h
1111 1111
1111 1111
uuuu uuuu
TRISA
85h
--11 1111
--11 1111
--uu 1uuu
TRISC(6)
87h
--11 1111
--11 1111
--uu 1uuu
PIE1
8Ch
0000 00-0
0000 00-0
uuuu uu-u
PCON
8Eh
--01 q-qq
--0u u-uu(1,5)
--0u u-uu
OSCCON
8Fh
-110 q000
-110 q000
-uuu uuuu
OSCTUNE
90h
---0 0000
---u uuuu
---u uuuu
WPUDA
95h
--11 -111
--11 -111
uuuu uuuu
IOCA
96h
--00 0000
--00 0000
--uu uuuu
WDA
97h
--11 -111
--11 -111
uuuu uuuu
VRCON
99h
0-0- 0000
0-0- 0000
u-u- uuuu
EEDAT
9Ah
0000 0000
0000 0000
uuuu uuuu
EEADR
9Bh
0000 0000
0000 0000
uuuu uuuu
EECON1
9Ch
---- x000
---- q000
---- uuuu
EECON2
9Dh
---- ----
---- ----
---- ----
ADRESL
9Eh
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON1
9Fh
-000 ----
-000 ----
-uuu ----
LVDCON
94h
--00 -000
--00 -000
--uu -uuu
CRCON
110h
00-- --00
00-- --00
uu-- --uu
Legend: u = unchanged, x = unknown, - = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIR1 will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 12-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.
6:
PIC16F636/639 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com