Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 143 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 143 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 139Page - Microchip Technology PIC12F635ESS Datasheet HTML 140Page - Microchip Technology PIC12F635ESS Datasheet HTML 141Page - Microchip Technology PIC12F635ESS Datasheet HTML 142Page - Microchip Technology PIC12F635ESS Datasheet HTML 143Page - Microchip Technology PIC12F635ESS Datasheet HTML 144Page - Microchip Technology PIC12F635ESS Datasheet HTML 145Page - Microchip Technology PIC12F635ESS Datasheet HTML 146Page - Microchip Technology PIC12F635ESS Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 141
PIC12F635/PIC16F636/639
FIGURE 12-8:
INT PIN INTERRUPT TIMING
TABLE 12-6:
SUMMARY OF REGISTERS ASSOCIATED WITH INTERRUPTS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 000x 0000 000x
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000 --00 0000
PIR1
EEIF
LVDIF
CRIF
C2IF(1)
C1IF
OSFIF
—TMR1IF
0000 00-0 0000 00-0
PIE1
EEIE
LVDIE
CRIE
C2IE(1)
C1IE
OSFIE
—TMR1IE
0000 00-0 0000 00-0
Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’, q = value depends upon condition.
Shaded cells are not used by the Interrupt module.
Note 1:
PIC16F636/639 only.
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
OSC1
CLKOUT(3)
INT pin
INTF Flag
(INTCON<1>)
GIE bit
(INTCON<7>)
Instruction Flow
PC
Instruction
Fetched
Instruction
Executed
Interrupt Latency(2)
PC
PC + 1
PC + 1
0004h
0005h
Inst (0004h)
Inst (0005h)
Dummy Cycle
Inst (PC)
Inst (PC + 1)
Inst (PC – 1)
Inst (0004h)
Dummy Cycle
Inst (PC)
—
Note 1:
INTF flag is sampled here (every Q1).
2:
Asynchronous interrupt latency = 3-4 TCY. Synchronous latency = 3 TCY, where TCY = instruction cycle time. Latency
is the same whether Inst (PC) is a single cycle or a 2-cycle instruction.
3:
CLKOUT is available only in INTOSC and RC Oscillator modes.
4:
For minimum width of INT pulse, refer to AC specifications in Section 15.0 “Electrical Specifications”.
5:
INTF is enabled to be set any time during the Q4-Q1 cycles.
(1)
(4)
(5)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com