Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 136Page - Microchip Technology PIC12F635ESS Datasheet HTML 137Page - Microchip Technology PIC12F635ESS Datasheet HTML 138Page - Microchip Technology PIC12F635ESS Datasheet HTML 139Page - Microchip Technology PIC12F635ESS Datasheet HTML 140Page - Microchip Technology PIC12F635ESS Datasheet HTML 141Page - Microchip Technology PIC12F635ESS Datasheet HTML 142Page - Microchip Technology PIC12F635ESS Datasheet HTML 143Page - Microchip Technology PIC12F635ESS Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 138
© 2007 Microchip Technology Inc.
TABLE 12-5:
INITIALIZATION CONDITION FOR SPECIAL REGISTERS
Condition
Program
Counter
Status
Register
PCON
Register
Power-on Reset
000h
0001 1xxx
--01 --0x
MCLR Reset during normal operation
000h
000u uuuu
--0u --uu
MCLR Reset during Sleep
000h
0001 0uuu
--0u --uu
WDT Reset
000h
0000 uuuu
--0u --uu
WDT Wake-up
PC + 1
uuu0 0uuu
--uu --uu
Brown-out Reset
000h
0001 1uuu
--01 --10
Interrupt Wake-up from Sleep
PC + 1(1)
uuu1 0uuu
--uu --uu
Wake-up Reset
000h
0001 1xxx
--01 --0x
Legend: u = unchanged, x = unknown, – = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and the Global Interrupt Enable bit, GIE, is set, the PC is loaded
with the interrupt vector (0004h) after execution of PC + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com