Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 167Page - Microchip Technology PIC12F635ESS Datasheet HTML 168Page - Microchip Technology PIC12F635ESS Datasheet HTML 169Page - Microchip Technology PIC12F635ESS Datasheet HTML 170Page - Microchip Technology PIC12F635ESS Datasheet HTML 171Page - Microchip Technology PIC12F635ESS Datasheet HTML 172Page - Microchip Technology PIC12F635ESS Datasheet HTML 173Page - Microchip Technology PIC12F635ESS Datasheet HTML 174Page - Microchip Technology PIC12F635ESS Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 169
PIC12F635/PIC16F636/639
15.3
DC Characteristics: PIC12F635/PIC16F636-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ TA ≤ +125°C for extended
Param
No.
Sym
Device Characteristics
Min
Typ†
Max
Units
Conditions
VDD
Note
D010E
IDD
Supply Current(1,2)
—11
16
μA2.0
FOSC = 32.768 kHz
LP Oscillator mode
—18
28
μA3.0
—35
54
μA5.0
D011E
—
140
240
μA2.0
FOSC = 1 MHz
XT Oscillator mode
—
220
380
μA3.0
—
380
550
μA5.0
D012E
—
260
360
μA2.0
FOSC = 4 MHz
XT Oscillator mode
—
420
650
μA3.0
—
0.8
1.1
mA
5.0
D013E
—
130
220
μA2.0
FOSC = 1 MHz
EC Oscillator mode
—
215
360
μA3.0
—
360
520
μA5.0
D014E
—
220
340
μA2.0
FOSC = 4 MHz
EC Oscillator mode
—
375
550
μA3.0
—
0.65
1.0
mA
5.0
D015E
—
820
μA2.0
FOSC = 31 kHz
LFINTOSC mode
—
16
40
μA3.0
—
31
65
μA5.0
D016E
—
340
450
μA2.0
FOSC = 4 MHz
HFINTOSC mode
—
500
700
μA3.0
—
0.8
1.2
mA
5.0
D017E
—
410
650
μA2.0
FOSC = 8 MHz
HFINTOSC mode
—
700
950
μA3.0
—
1.30
1.65
mA
5.0
D018E
—
230
100
μA2.0
FOSC = 4 MHz
EXTRC mode
—
400
680
μA3.0
—
0.63
1.1
mA
5.0
D019E
—
2.6
3.25
mA
4.5
FOSC = 20 MHz
HS Oscillator mode
—
2.8
3.35
mA
5.0
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
The test conditions for all IDD measurements in Active Operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin
loading and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact
on the current consumption.
3:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this periph-
eral is enabled. The peripheral
Δ current can be determined by subtracting the base IDD or IPD current from this
limit. Max values should be used when calculating total current consumption.
4:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com