Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 169Page - Microchip Technology PIC12F635ESS Datasheet HTML 170Page - Microchip Technology PIC12F635ESS Datasheet HTML 171Page - Microchip Technology PIC12F635ESS Datasheet HTML 172Page - Microchip Technology PIC12F635ESS Datasheet HTML 173Page - Microchip Technology PIC12F635ESS Datasheet HTML 174Page - Microchip Technology PIC12F635ESS Datasheet HTML 175Page - Microchip Technology PIC12F635ESS Datasheet HTML 176Page - Microchip Technology PIC12F635ESS Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 171
PIC12F635/PIC16F636/639
15.4
DC Characteristics:
PIC12F635/PIC16F636-I (Industrial)
PIC12F635/PIC16F636-E (Extended)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030
with TTL buffer
VSS
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D030A
VSS
—0.15 VDD
VOtherwise
D031
with Schmitt Trigger buffer
VSS
—
0.2 VDD
V
Entire range
D032
MCLR, OSC1 (RC mode)
VSS
—
0.2 VDD
V
D033
OSC1 (XT and LP modes)(1)
VSS
—0.3
V
D033A
OSC1 (HS mode)(1)
VSS
—
0.3 VDD
V
VIH
Input High Voltage
I/O ports:
D040
D040A
with TTL buffer
2.0
(0.25 VDD +
0.8)
—
—
VDD
VDD
V
V
4.5V
≤ VDD ≤ 5.5V
Otherwise
D041
with Schmitt Trigger buffer
0.8 VDD
—VDD
V
Entire range
D042
MCLR
0.8 VDD
—VDD
V
D043
OSC1 (XT and LP modes)
1.6
—
VDD
V
(Note 1)
D043A
OSC1 (HS mode)
0.7 VDD
—VDD
V
(Note 1)
D043B
OSC1 (RC mode)
0.9 VDD
—VDD
V
IIL
Input Leakage Current(2)
D060
I/O ports
—
± 0.1
± 1
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
D060A
Analog inputs
—
± 0.1
± 1
μAVSS ≤ VPIN ≤ VDD
D060B
VREF
—
± 0.1
± 1
μAVSS ≤ VPIN ≤ VDD
D061
MCLR(3)
—
± 0.1
± 5
μAVSS ≤ VPIN ≤ VDD
D063
OSC1
—
± 0.1
± 5
μAVSS ≤ VPIN ≤ VDD, XT, HS and
LP oscillator configuration
D070
IPUR
PORTA Weak Pull-up
Current
50
250
400
μAVDD = 5.0V, VPIN = VSS
D071
IPDR
PORTA Weak Pull-down
Current
50
250
400
μAVDD = 5.0V, VPIN = VDD
VOL
Output Low Voltage
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V (Ind.)
D083
OSC2/CLKOUT (RC mode)
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V (Ind.)
IOL = 1.2 mA, VDD = 4.5V (Ext.)
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an
external clock in RC mode.
2:
Negative current is defined as current sourced by the pin.
3:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
4:
See Section 9.4.1 “Using the Data EEPROM” for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com