Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 173Page - Microchip Technology PIC12F635ESS Datasheet HTML 174Page - Microchip Technology PIC12F635ESS Datasheet HTML 175Page - Microchip Technology PIC12F635ESS Datasheet HTML 176Page - Microchip Technology PIC12F635ESS Datasheet HTML 177Page - Microchip Technology PIC12F635ESS Datasheet HTML 178Page - Microchip Technology PIC12F635ESS Datasheet HTML 179Page - Microchip Technology PIC12F635ESS Datasheet HTML 180Page - Microchip Technology PIC12F635ESS Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 175
PIC12F635/PIC16F636/639
15.7
DC Characteristics: PIC16F639-I (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
I/O ports:
D030A
with TTL buffer
VSS
—
0.15 VDD
V
D031
with Schmitt Trigger buffer
VSS
—0.2 VDD
V
D032
MCLR, OSC1 (RC mode)
VSS
—0.2 VDD
V
D033
OSC1 (XT and LP modes)(1)
VSS
—0.3
V
D033A
OSC1 (HS mode)(1)
VSS
—0.3 VDD
V
D034
Digital Input Low Voltage
VSS
—0.3 VDD
V
Analog Front-End section
VIH
Input High Voltage
I/O ports:
D040
with TTL buffer
D040A
(0.25 VDD + 0.8)
—
VDD
V
D041
with Schmitt Trigger buffer
0.8 VDD
—VDD
V
D042
MCLR
0.8 VDD
—VDD
V
D043
OSC1 (XT and LP modes)
1.6
—
VDD
V
(Note 1)
D043A
OSC1 (HS mode)
0.7 VDD
—VDD
V
(Note 1)
D043B
OSC1 (RC mode)
0.9 VDD
—VDD
V
Digital Input High Voltage
Analog Front-End section
D044
SCLK, CS, SDIO for Analog
Front-End (AFE)
0.8 VDD
—VDD
V
IIL
Input Leakage Current(2)
D060
I/O ports
—
± 0.1
± 1
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
D060A
Analog inputs
—
± 0.1
± 1
μAVSS ≤ VPIN ≤ VDD
D060B
VREF
—
± 0.1
± 1
μAVSS ≤ VPIN ≤ VDD
D061
MCLR(3)
—
± 0.1
± 5
μAVSS ≤ VPIN ≤ VDD
D063
OSC1
—
± 0.1
± 5
μAVSS ≤ VPIN ≤ VDD, XT, HS and LP
oscillator configuration
Digital Input Leakage Current(2)
VDD = 3.6V, Analog Front-End section
D064
SDI for Analog Front-End (AFE)
—
—
± 1
μAVSS ≤ VPIN ≤ VDD
D064A
SCLK, CS for Analog Front-End
(AFE)
——
± 1
μAVPIN ≤ VDD
D070
IPUR
PORTA Weak Pull-up Current
50*
250
400
μAVDD = 3.6V, VPIN = VSS
D071
IPDR
PORTA Weak Pull-down Current
50
250
400
μAVDD = 3.6V, VPIN = VDD
VOL
Output Low Voltage
D080
I/O ports
—
—
0.6
V
IOL = 8.5 mA, VDD = 3.6V (Ind.)
D083
OSC2/CLKOUT (RC mode)
—
—
0.6
V
IOL = 1.6 mA, VDD = 3.6V (Ind.)
IOL = 1.2 mA, VDD = 3.6V (Ext.)
Digital Output Low Voltage
Analog Front-End section
D084
ALERT, LFDATA/SDIO for
Analog Front-End (AFE)
——
VSS
+ 0.4
VIOL = 1.0 mA, VDD = 2.0V
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external clock in RC
mode.
2:
Negative current is defined as current sourced by the pin.
3:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent normal operating
conditions. Higher leakage current may be measured at different input voltages.
4:
See Section 9.4.1 “Using the Data EEPROM” for additional information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com