Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 174Page - Microchip Technology PIC12F635ESS Datasheet HTML 175Page - Microchip Technology PIC12F635ESS Datasheet HTML 176Page - Microchip Technology PIC12F635ESS Datasheet HTML 177Page - Microchip Technology PIC12F635ESS Datasheet HTML 178Page - Microchip Technology PIC12F635ESS Datasheet HTML 179Page - Microchip Technology PIC12F635ESS Datasheet HTML 180Page - Microchip Technology PIC12F635ESS Datasheet HTML 181Page - Microchip Technology PIC12F635ESS Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 176
© 2007 Microchip Technology Inc.
VOH
Output High Voltage
D090
I/O ports
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 3.6V (Ind.)
D092
OSC2/CLKOUT (RC mode)
VDD – 0.7
—
—
V
IOH = -1.3 mA, VDD = 3.6V (Ind.)
IOH = -1.0 mA, VDD = 3.6V (Ext.)
Digital Output High Voltage
Analog Front-End (AFE) section
D093
LFDATA/SDIO for Analog Front-End
(AFE)
VDD – 0.5
—
—
V
IOH = -400
μA, VDD = 2.0V
Capacitive Loading Specs on
Output Pins
D100
COSC2
OSC2 pin
—
—
15*
pF
In XT, HS and LP modes when
external clock is used to drive OSC1
D101
CIO
All I/O pins
—
—
50*
pF
D102
IULP
Ultra Low-power Wake-up Current
—200
—
nA
Data EEPROM Memory
D120
ED
Byte Endurance
100K
1M
—
E/W
-40
°C ≤ TA ≤ +85°C
D120A
ED
Byte Endurance
10K
100K
—
E/W
+85°C
≤ TA ≤ +125°C
D121
VDRW
VDD for Read/Write
VMIN
—
5.5
V
Using EECON1 to read/write
VMIN = Minimum operating voltage
D122
TDEW
Erase/Write cycle time
—
5
6
ms
D123
TRETD
Characteristic Retention
40
—
—
Year
Provided no other specifications are
violated
D124
TREF
Number of Total Erase/Write Cycles
before Refresh(1)
1M
10M
—
E/W
-40
°C ≤ TA ≤ +85°C
Program Flash Memory
D130
EP
Cell Endurance
10K
100K
—
E/W
-40
°C ≤ TA ≤ +85°C
D130A
ED
Cell Endurance
1K
10K
—
E/W
+85°C
≤ TA ≤ +125°C
D131
VPR
VDD for Read
VMIN
—5.5
V
VMIN = Minimum operating voltage
D132
VPEW
VDD for Erase/Write
4.5
—
5.5
V
D133
TPEW
Erase/Write cycle time
—
2
2.5
ms
D134
TRETD
Characteristic Retention
40
—
—
Year
Provided no other specifications are
violated
15.7
DC Characteristics: PIC16F639-I (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
Supply Voltage
2.0V
≤ VDD ≤ 3.6V
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external clock in RC
mode.
2:
Negative current is defined as current sourced by the pin.
3:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent normal operating
conditions. Higher leakage current may be measured at different input voltages.
4:
See Section 9.4.1 “Using the Data EEPROM” for additional information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com