Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 174 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 174 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 170Page - Microchip Technology PIC12F635ESS Datasheet HTML 171Page - Microchip Technology PIC12F635ESS Datasheet HTML 172Page - Microchip Technology PIC12F635ESS Datasheet HTML 173Page - Microchip Technology PIC12F635ESS Datasheet HTML 174Page - Microchip Technology PIC12F635ESS Datasheet HTML 175Page - Microchip Technology PIC12F635ESS Datasheet HTML 176Page - Microchip Technology PIC12F635ESS Datasheet HTML 177Page - Microchip Technology PIC12F635ESS Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 172
© 2007 Microchip Technology Inc.
VOH
Output High Voltage
D090
I/O ports
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V (Ind.)
D092
OSC2/CLKOUT (RC mode)
VDD – 0.7
—
—
V
IOH = -1.3 mA, VDD = 4.5V (Ind.)
IOH = -1.0 mA, VDD = 4.5V (Ext.)
D100
IULP
Ultra Low-power Wake-up
Current
—200
—
nA
Capacitive Loading Specs
on Output Pins
D101
COSC2 OSC2 pin
—
—
15*
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1
D101A CIO
All I/O pins
—
—
50*
pF
Data EEPROM Memory
D120
ED
Byte Endurance
100K
1M
—
E/W
-40
°C ≤ TA ≤ +85°C
D120A ED
Byte Endurance
10K
100K
—
E/W
+85°C
≤ TA ≤ +125°C
D121
VDRW
VDD for Read/Write
VMIN
—
5.5
V
Using EECON1 to read/write
VMIN = Minimum operating
voltage
D122
TDEW
Erase/Write cycle time
—
5
6
ms
D123
TRETD
Characteristic Retention
40
—
—
Year
Provided no other
specifications are violated
D124
TREF
Number of Total Erase/Write
Cycles before Refresh(4)
1M
10M
—
E/W
-40
°C ≤ TA ≤ +85°C
Program Flash Memory
D130
EP
Cell Endurance
10K
100K
—
E/W
-40
°C ≤ TA ≤ +85°C
D130A ED
Cell Endurance
1K
10K
—
E/W
+85°C
≤ TA ≤ +125°C
D131
VPR
VDD for Read
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D132
VPEW
VDD for Erase/Write
4.5
—
5.5
V
D133
TPEW
Erase/Write cycle time
—
2
2.5
ms
D134
TRETD
Characteristic Retention
40
—
—
Year
Provided no other
specifications are violated
15.4
DC Characteristics:
PIC12F635/PIC16F636-I (Industrial)
PIC12F635/PIC16F636-E (Extended) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1:
In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an
external clock in RC mode.
2:
Negative current is defined as current sourced by the pin.
3:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
4:
See Section 9.4.1 “Using the Data EEPROM” for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com