Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 181Page - Microchip Technology PIC12F635ESS Datasheet HTML 182Page - Microchip Technology PIC12F635ESS Datasheet HTML 183Page - Microchip Technology PIC12F635ESS Datasheet HTML 184Page - Microchip Technology PIC12F635ESS Datasheet HTML 185Page - Microchip Technology PIC12F635ESS Datasheet HTML 186Page - Microchip Technology PIC12F635ESS Datasheet HTML 187Page - Microchip Technology PIC12F635ESS Datasheet HTML 188Page - Microchip Technology PIC12F635ESS Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 183
PIC12F635/PIC16F636/639
TABLE 15-4:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TMCLMCLR Pulse Width (low)
2
5
—
—
—
—
μs
μs
VDD = 5V, -40°C to +85°C
VDD = 5V
31
TWDT
Watchdog Timer Time-out
Period (No Prescaler)
10
10
16
16
29
31
ms
ms
VDD = 5V, -40°C to +85°C
VDD = 5V
32
TOST
Oscillation Start-up Timer
Period(1, 2)
—
1024
—
TOSC (NOTE 3)
33*
TPWRT
Power-up Timer Period
40
65
140
ms
34*
TIOZ
I/O High-impedance from
MCLR Low or Watchdog Timer
Reset
——
2.0
μs
35
VBOR
Brown-out Reset Voltage
2.0
—
2.2
V
(NOTE 4)
36*
VHYST
Brown-out Reset Hysteresis
—
50
—
mV
37*
TBOR
Brown-out Reset Minimum
Detection Period
100
—
—
μsVDD ≤ VBOR
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values
are based on characterization data for that particular oscillator type under standard operating conditions
with the device executing code. Exceeding these specified limits may result in an unstable oscillator oper-
ation and/or higher than expected current consumption. All devices are tested to operate at “min” values
with an external clock applied to the OSC1 pin. When an external clock input is used, the “max” cycle time
limit is “DC” (no clock) for all devices.
2:
By design.
3:
Period of the slower clock.
4:
To ensure these voltage tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
μF and 0.01 μF values in parallel are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com