Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 184Page - Microchip Technology PIC12F635ESS Datasheet HTML 185Page - Microchip Technology PIC12F635ESS Datasheet HTML 186Page - Microchip Technology PIC12F635ESS Datasheet HTML 187Page - Microchip Technology PIC12F635ESS Datasheet HTML 188Page - Microchip Technology PIC12F635ESS Datasheet HTML 189Page - Microchip Technology PIC12F635ESS Datasheet HTML 190Page - Microchip Technology PIC12F635ESS Datasheet HTML 191Page - Microchip Technology PIC12F635ESS Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 186
© 2007 Microchip Technology Inc.
TABLE 15-9:
PIC16F639 PLVD CHARACTERISTICS:
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +85°C
Operating Voltage
VDD Range 2.0V-5.5V
Sym.
Characteristic
Min
Typ†
Max
Units
Conditions
VPLVD
PLVD
Voltage
LVDL<2:0> = 001
1.900
2.0
2.100
V
LVDL<2:0> = 010
2.000
2.1
2.200
V
LVDL<2:0> = 011
2.100
2.2
2.300
V
LVDL<2:0> = 100
2.200
2.3
2.400
V
LVDL<2:0> = 101
3.825
4.0
4.175
V
LVDL<2:0> = 110
4.025
4.2
4.375
V
LVDL<2:0> = 111
4.325
4.5
4.675
V
*TPLVDS
PLVD Settling time
—
50
25
—
μsVDD = 5.0V
VDD = 3.0V
*
These parameters are characterized but not tested
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com