Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635ESS Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC12F635ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635ESS Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC12F635ESS Datasheet HTML 183Page - Microchip Technology PIC12F635ESS Datasheet HTML 184Page - Microchip Technology PIC12F635ESS Datasheet HTML 185Page - Microchip Technology PIC12F635ESS Datasheet HTML 186Page - Microchip Technology PIC12F635ESS Datasheet HTML 187Page - Microchip Technology PIC12F635ESS Datasheet HTML 188Page - Microchip Technology PIC12F635ESS Datasheet HTML 189Page - Microchip Technology PIC12F635ESS Datasheet HTML 190Page - Microchip Technology PIC12F635ESS Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 185
PIC12F635/PIC16F636/639
TABLE 15-6:
COMPARATOR SPECIFICATIONS
TABLE 15-7:
COMPARATOR VOLTAGE REFERENCE (CVREF) SPECIFICATIONS
TABLE 15-8:
PIC12F635/PIC16F636 PLVD CHARACTERISTICS:
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristics
Min
Typ†
Max
Units
Comments
CM01
VOS
Input Offset Voltage
—
± 5.0
± 10
mV
(VDD - 1.5)/2
CM02
VCM
Input Common Mode Voltage
0
—
VDD – 1.5
V
CM03*
CMRR
Common Mode Rejection Ratio
+55
—
—
dB
CM04*
TRT
Response Time
Falling
—
150
600
ns
(NOTE 1)
Rising
—
200
1000
ns
CM05*
TMC2COV
Comparator Mode Change to
Output Valid
——
10
μs
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
Note 1:
Response time is measured with one comparator input at (VDD - 1.5)/2- 100mV to (VDD - 1.5)/2 + 20 mV.
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +125°C
Param
No.
Sym
Characteristics
Min
Typ†
Max
Units
Comments
CV01*
CLSB
Step Size(2)
—
—
VDD/24
VDD/32
—
—
V
V
Low Range (VRR = 1)
High Range (VRR = 0)
CV02*
CACC
Absolute Accuracy
—
—
—
—
± 1/2
± 1/2
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
CV03*
CR
Unit Resistor Value (R)
—
2k
—
Ω
CV04*
CST
Settling Time(1)
——
10
μs
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guid-
ance only and are not tested.
Note 1:
Settling time measured while VRR = 1 and VR<3:0> transitions from ‘0000’ to ‘1111’.
2:
See Section 7.11 “Comparator Voltage Reference” for more information.
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Operating Voltage
VDD Range 2.0V-5.5V
Sym.
Characteristic
Min
Typ†
Max
Units
Conditions
VPLVD
PLVD
Voltage
LVDL<2:0> = 001
1.900
2.0
2.125
V
LVDL<2:0> = 010
2.000
2.1
2.225
V
LVDL<2:0> = 011
2.100
2.2
2.325
V
LVDL<2:0> = 100
2.200
2.3
2.425
V
LVDL<2:0> = 101
3.825
4.0
4.200
V
LVDL<2:0> = 110
4.025
4.2
4.400
V
LVDL<2:0> = 111
4.325
4.5
4.700
V
*TPLVDS
PLVD Settling time
—
50
25
—
μsVDD = 5.0V
VDD = 3.0V
*
These parameters are characterized but not tested
†
Data in ‘Typ’ column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com