Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 38Page - Advanced Micro Devices AM79C960KC Datasheet HTML 39Page - Advanced Micro Devices AM79C960KC Datasheet HTML 40Page - Advanced Micro Devices AM79C960KC Datasheet HTML 41Page - Advanced Micro Devices AM79C960KC Datasheet HTML 42Page - Advanced Micro Devices AM79C960KC Datasheet HTML 43Page - Advanced Micro Devices AM79C960KC Datasheet HTML 44Page - Advanced Micro Devices AM79C960KC Datasheet HTML 45Page - Advanced Micro Devices AM79C960KC Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 127 page
background image
P R E L I M I N A R Y
AMD
1-384
Am79C960
PLL Tracking
After clock acquisition, the phase-locked clock is com-
pared to the incoming transition at the bit cell center
(BCC) and the resulting phase error is applied to a cor-
rection
circuit.
This
circuit
ensures
that
the
phase-locked clock remains locked on the received sig-
nal. Individual bit cell phase corrections of the Voltage
Controlled Oscillator (VCO) are limited to 10% of the
phase difference between BCC and phase-locked
clock. Hence, input data jitter is reduced in ISRDCLK by
10 to 1.
Carrier Tracking and End of Message
The carrier detection circuit monitors the DI
± inputs after
IRXCRS is asserted for an end of message. IRXCRS
de-asserts 1 to 2 bit times after the last positive transi-
tion on the incoming message. This initiates the end of
reception cycle. The time delay from the last rising edge
of the message to IRXCRS deassert allows the last bit to
be strobed by ISRDCLK and transferred to the controller
section, but prevents any extra bit(s) at the end of
message.
Data Decoding
The data receiver is a comparator with clocked output to
minimize noise sensitivity to the DI
±/RXD± inputs. Input
error is less than
± 35 mV to minimize sensitivity to input
rise and fall time. ISRDCLK strobes the data receiver
output at 1/4 bit time to determine the value of the
Manchester bit, and clocks the data out on IRXDAT on
the following ISRDCLK. The data receiver also gener-
ates the signal used for phase detector comparison to
the internal MENDEC voltage controlled oscillator
(VCO).
Jitter Tolerance Definition
The MENDEC utilizes a clock capture circuit to align its
internal data strobe with an incoming bit stream. The
clock acquisition circuitry requires four valid bits with the
values 1010b. Clock is phase-locked to the negative
transition at the bit cell center of the second “0” in the
pattern.
Since data is strobed at 1/4 bit time, Manchester transi-
tions which shift from their nominal placement through
1/4 bit time will result in improperly decoded data. With
this as the criteria for an error, a definition of “Jitter Han-
dling” is:
The peak deviation approaching or crossing 1/4
bit cell position from nominal input transition, for
which the MENDEC section will properly de-
code data.
Attachment Unit Interface (AUI)
The AUI is the PLS (Physical Layer Signaling) to PMA
(Physical
Medium
Attachment)
interface
which
connects the DTE to a MAU. The differential interface
provided by the PCnet-ISA controller is fully compliant
with Section 7 of ISO 8802-3 (ANSI/IEEE 802.3).
After the PCnet-ISA controller initiates a transmission, it
will expect to see data “looped-back” on the DI
± pair
(when the AUI port is selected). This will internally
generate a “carrier sense”, indicating that the integrity of
the data path to and from the MAU is intact, and that the
MAU is operating correctly. This “carrier sense” signal
must be asserted within sometime before end of trans-
mission. If “carrier sense” does not become active in
response to the data transmission, or becomes inactive
before the end of transmission, the loss of carrier
(LCAR) error bit will be set in the Transmit Descriptor
Ring (TMD3, bit 11) after the packet has been
transmitted.
Differential Input Terminations
The differential input for the Manchester data (DI
±) is
externally terminated by two 40.2
Ω ±1% resistors and
one optional common-mode bypass capacitor, as
shown in the Differential Input Termination diagram
below. The differential input impedance, ZIDF, and the
common-mode input impedance, ZICM, are specified so
that the Ethernet specification for cable termination im-
pedance is met using standard 1% resistor terminators.
If SIP devices are used, 39
Ω is the nearest usable
equivalent value. The CI
± differential inputs are termi-
nated in exactly the same way as the DI
± pair.
PCnet-ISA
DI+
DI-
40.2
Ω
40.2
Ω
0.01
µF
to 0.1
µF
AUI Isolation
Transformer
16907B-9
Differential Input Termination
Collision Detection
A MAU detects the collision condition on the network
and generates a differential signal at the CI
± inputs. This
collision signal passes through an input stage which de-
tects signal levels and pulse duration. When the signal is
detected by the MENDEC it sets the ICLSN line HIGH.
The condition continues for approximately 1.5 bit times
after the last LOW-to-HIGH transition on CI
±.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com