Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 58Page - Advanced Micro Devices AM79C960KC Datasheet HTML 59Page - Advanced Micro Devices AM79C960KC Datasheet HTML 60Page - Advanced Micro Devices AM79C960KC Datasheet HTML 61Page - Advanced Micro Devices AM79C960KC Datasheet HTML 62Page - Advanced Micro Devices AM79C960KC Datasheet HTML 63Page - Advanced Micro Devices AM79C960KC Datasheet HTML 64Page - Advanced Micro Devices AM79C960KC Datasheet HTML 65Page - Advanced Micro Devices AM79C960KC Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 127 page
background image
P R E L I M I N A R Y
AMD
1-404
Am79C960
4
DXMT2PD
Disable
Transmit
Two
Part
Deferral. If DXMT2PD is set,
Transmit Two Part Deferral will
be disabled.
DXMT2PD is cleared by RESET
and is not affected by STOP.
3
EMBA
Enable
Modified
Back-off
Algorithm. If EMBA is set, a modi-
fied
back-off
algorithm
is
implemented.
Read/Write accessible. EMBA is
cleared by RESET and is not af-
fected by STOP.
2-0
RES
Reserved locations. Written as
zero and read as undefined.
CSR4: Test and Features Control
Bit
Name
Description
15
ENTST
Enable Test Mode operation.
When ENTST is set, writing to
test mode registers CSR124 and
CSR126 is allowed, and other
register test functions are en-
abled. In order to set ENTST, it
must be written with a “1” during
the first write access to CSR4
after RESET. Once a “0” is writ-
ten to this bit location, ENTST
cannot be set until after the
PCnet-ISA controller is reset.
ENTST is cleared by RESET.
14
DMAPLUS
When DMAPLUS = “1” , the burst
transaction counter in CSR80 is
disabled. If DMAPLUS = “0”, the
burst
transaction
counter
is
enabled.
DMA-PLUS
is
cleared
by
RESET.
13
TIMER
Timer Enable Register. If TIMER
is set, the Bus Timer Register,
CSR82, is enabled. If TIMER is
set, CSR82 must be written with
a value. If TIMER is cleared, the
Bus Timer Register is disabled.
TIMER is cleared by RESET.
12
DPOLL
Disable
Transmit
Polling.
If
DPOLL is set, the Buffer Man-
agement
Unit
will
disable
transmit
polling.
Likewise,
if
DPOLL is cleared, automatic
transmit polling is enabled. If
DPOLL is set, TDMD bit in CSR0
must be periodically set in order
to initiate a manual poll of a trans-
mit descriptor. Transmit descrip-
tor polling will not take place if
TXON is reset.
DPOLL is cleared by RESET.
11
APAD_XMT
Auto Pad Transmit. When set,
APAD_XMT enables the auto-
matic padding feature. Transmit
frames will be padded to extend
them to 64 bytes, including FCS.
The FCS is calculated for the en-
tire frame (including pad) and
appended after the pad field.
APAD_XMT will override the pro-
gramming of the DXMTFCS bit
(CSR15.3).
APAD_ XMT is reset by activa-
tion of the RESET pin.
10 ASTRP_RCV
ASTRP_RCV enables the auto-
matic pad stripping feature. The
pad and FCS fields will be
stripped from receive frames and
not placed in the FIFO.
ASTRP_ RCV is reset by activa-
tion of the RESET pin.
9
MFCO
Missed Frame Counter Overflow
Interrupt.
This
bit
indicates
the
MFC
(CSR112) has overflowed. Can
be cleared by writing a “1” to this
bit. Also cleared by RESET or
setting the STOP bit. Writing a “0”
has no effect.
8
MFCOM
Missed Frame Counter Overflow
Mask.
If MFCOM is set, MFCO will not
set INTR in CSR0.
MFCOM is set by Reset and is
not affected by STOP.
7-6
RES
Reserved locations. Read and
written as zero.
5
RCVCCO
Receive Collision Counter Over-
flow.
This bit indicates the Receive
Collision Counter (CSR114) has
overflowed. It can be cleared by
writing a 1 to this bit. Also cleared
by RESET or setting the STOP
bit. Writing a 0 has no effect.
4
RCVCCOM
Receive Collision Counter Over-
flow Mask.
If RCVCCOM is set, RCVCCO
will not set INTR in CSR0.
RCVCCOM is set by RESET and
is not affected by STOP.
3
TXSTRT
Transmit Start status is set when-
ever PCnet-ISA controller begins
trans- mission of a frame.
When TXSTRT is set, IRQ is as-
serted if IENA = 1 and the mask
bit TXSTRTM (CSR4.2) is clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com