Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 52Page - Advanced Micro Devices AM79C960KC Datasheet HTML 53Page - Advanced Micro Devices AM79C960KC Datasheet HTML 54Page - Advanced Micro Devices AM79C960KC Datasheet HTML 55Page - Advanced Micro Devices AM79C960KC Datasheet HTML 56Page - Advanced Micro Devices AM79C960KC Datasheet HTML 57Page - Advanced Micro Devices AM79C960KC Datasheet HTML 58Page - Advanced Micro Devices AM79C960KC Datasheet HTML 59Page - Advanced Micro Devices AM79C960KC Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 127 page
background image
P R E L I M I N A R Y
AMD
1-398
Am79C960
the completion of transmission, then the PCnet-ISA
controller will set the CERR bit in CSR0. CERR will be
asserted in 10BASE-T mode after transmit if T-MAU is
in Link Fail state. CERR will never cause INTR to be acti-
vated. It will, however, set the ERR bit in CSR0.
Host related transmit exception conditions include
BUFF and UFLO as described in the Transmit Descrip-
tor section.
Receive Operation
The receive operation and features of the PCnet-ISA
controller are controlled by programmable options.
Receive Function Programming
Automatic pad field stripping is enabled by setting the
ASTRP_RCV bit in CSR4; this can provide flexibility in
the reception of messages using the 802.3 frame
format.
All receive frames can be accepted by setting the PROM
bit in CSR15. When PROM is set, the PCnet-ISA con-
troller will attempt to receive all messages, subject to
minimum frame enforcement. Promiscuous mode over-
rides the effect of the Disable Receive Broadcast bit on
receiving broadcast frames.
The point at which the BMU will start to transfer data
from the receive FIFO to buffer memory is controlled by
the RCVFW bits in CSR80. The default established dur-
ing reset is 10b, which sets the threshold flag at 64 bytes
empty.
Automatic Pad Stripping
During reception of an 802.3 frame the pad field can be
stripped automatically. ASTRP_RCV (bit 10 in CSR4) =
1 enables the automatic pad stripping feature. The pad
field will be stripped before the frame is passed to the
FIFO, thus preserving FIFO space for additional frames.
The FCS field will also be stripped, since it is computed
at the transmitting station based on the data and pad
field characters, and will be invalid for a receive frame
that has had the pad characters stripped.
The number of bytes to be stripped is calculated from
the embedded length field (as defined in the IEEE 802.3
definition) contained in the frame. The length indicates
the actual number of LLC data bytes contained in the
message. Any received frame which contains a length
field less than 46 bytes will have the pad field stripped (if
ASTRP_RCV is set). Receive frames which have a
length field of 46 bytes or greater will be passed to the
host unmodified.
Since any valid Ethernet Type field value will always be
greater than a normal 802.3 Length field (
≥46), the
PCnet-ISA controller will not attempt to strip valid Ether-
net frames.
Note that for some network protocols the value passed
in the Ethernet Type and/or 802.3 Length field is not
compliant with either standard and may cause
problems.
The diagram below shows the byte/bit ordering of the re-
ceived length field for an 802.3 compatible frame format.
16907B-13
Preamble
1010....1010
SYNCH
10101011
Dest
ADDR
Srce
ADDR
Length
LLC
DATA
Pad
FCS
56
Bits
8
Bits
6
Bytes
6
Bytes
2
Bytes
46–1500
Bytes
4
Bytes
Most
Significant
Byte
Least
Significant
Byte
Bit
0
Bit
7
Start of Packet
at Time= 0
Increasing Time
Bit
7
Bit
0
45–0
Bytes
1–1500
Bytes
802.3 Frame and Length Field Transmission Order



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com