Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 55Page - Advanced Micro Devices AM79C960KC Datasheet HTML 56Page - Advanced Micro Devices AM79C960KC Datasheet HTML 57Page - Advanced Micro Devices AM79C960KC Datasheet HTML 58Page - Advanced Micro Devices AM79C960KC Datasheet HTML 59Page - Advanced Micro Devices AM79C960KC Datasheet HTML 60Page - Advanced Micro Devices AM79C960KC Datasheet HTML 61Page - Advanced Micro Devices AM79C960KC Datasheet HTML 62Page - Advanced Micro Devices AM79C960KC Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 127 page
background image
P R E L I M I N A R Y
AMD
1-401
Am79C960
PCnet-ISA CONTROLLER REGISTERS
The PCnet-ISA controller implements all LANCE
(Am7990) registers, plus a number of additional regis-
ters. The PCnet-ISA controller registers are compatible
with the original LANCE, but there are some places
where previously reserved LANCE bits are now used by
the PCnet-ISA controller. If the reserved LANCE bits
were used as recommended, there should be no com-
patibility problems.
Register Access
Internal registers are accessed in a two-step operation.
First, the address of the register to be accessed is writ-
ten into the register address port (RAP). Subsequent
read or write operations will access the register pointed
to by the contents of the RAP. The data will be read from
(or written to) the selected register through the data port,
either the register data port (RDP) for control and status
status registers (CSR) or the ISACSR register data port
(IDP) for ISA control and status registers (ISACSR)
RAP: Register Address Port
Bit
Name
Description
15-7
RES
Reserved locations. Read and
written as zeroes.
6-0
RAP
Register Address Port select.
Selects the CSR or ISACSR
location to be accessed. RAP is
cleared by
RESET.
Control and Status Registers
CSR0: PCnet-ISA Controller Status
Bit
Name
Description
15
ERR
Error is set by the ORing of
BABL, CERR, MISS, and MERR.
ERR remains set as long as any
of the error flags are true. ERR is
read only; write operations are
ignored.
14
BABL
Babble is a transmitter time-out
error. It indicates that the trans-
mitter has been on the channel
longer than the time required to
send the maximum length frame.
BABL will be set if 1519 bytes or
greater are transmitted.
When BABL is set, IRQ is as-
serted if IENA = 1 and the mask
bit BABLM (CSR3.14) is clear.
BABL assertion will set the ERR
bit.
BABL is set by the MAC layer and
cleared by writing a “1”. Writing a
“0” has no effect. BABL is cleared
by RESET or by setting the
STOP bit.
13
CERR
Collision Error indicates that the
collision inputs to the AUI port
failed to activate within 20 net-
work
bit
times
after
chip
terminated transmission (SQE
Test). This feature is a trans-
ceiver test feature. CERR will be
set in 10BASE-T mode during
trasmit if in Link Fail state.
CERR assertion will not result in
an interrupt being generated.
CERR assertion will set the ERR
bit.
CERR is set by the MAC layer
and cleared by writing a “1”. Writ-
ing a “0” has no effect. CERR is
cleared by RESET or by setting
the STOP bit.
12
MISS
Missed
Frame
is
set
when
PCnet-ISA controller has lost an
incoming receive frame because
a Receive Descriptor was not
available. This bit is the only
indication that receive data has
been lost since there is no re-
ceive descriptor available for
status information.
When MISS is set, IRQ is as-
serted if IENA = 1 and the mask
bit MISSM (CSR3.12) is clear.
MISS assertion will set the ERR
bit.
MISS is set by the Buffer Man-
agement Unit and cleared by
writing a “1”. Writing a “0” has no
effect. MISS is cleared by RE-
SET or by setting the STOP bit.
11
MERR
Memory
Error
is
set
when
PCnet-ISA controller is a bus
master and has not received
DACK assertion after 50
µs after
DRQ assertion. Memory Error in-
dicates that PCnet-ISA controller
is not receiving bus mastership in
time to prevent overflow/under-
flow conditions in the receive and
transmit FIFOs.
(MERR indicates a slightly differ-
ent condition for the LANCE; for
the LANCE MERR occurs when
READY has not been asserted
25.6
µs after the address has
been asserted.)
When MERR is set, IRQ is as-
serted if IENA = 1 and the mask
bit MERRM (CSR3.11) is clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com