Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 85Page - Advanced Micro Devices AM79C960KC Datasheet HTML 86Page - Advanced Micro Devices AM79C960KC Datasheet HTML 87Page - Advanced Micro Devices AM79C960KC Datasheet HTML 88Page - Advanced Micro Devices AM79C960KC Datasheet HTML 89Page - Advanced Micro Devices AM79C960KC Datasheet HTML 90Page - Advanced Micro Devices AM79C960KC Datasheet HTML 91Page - Advanced Micro Devices AM79C960KC Datasheet HTML 92Page - Advanced Micro Devices AM79C960KC Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
P R E L I M I N A R Y
AMD
1-431
Am79C960
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise
specified (continued)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Attachment Unit Interface (Continued)
IAODOFF
Transmit Differential
Output Idle Current
RL = 78
Ω (Note 4)
–1
+1
mA
VCMT
Transmit Output Common
Mode Voltage
RL = 78
Ω
2.5
AVDD
V
VODI
DO
± Transmit Differential
Output Voltage Imbalance
RL = 78
Ω (Note 5)
25
mV
VATH
Receive Data Differential
Input Threshold
(Note 5)
–35
35
mV
VASQ
DI
± and CI± Differential
Input Threshold (Squelch)
–275
–160
mV
VIRDVD
DI
± and CI± Differential
Mode Input Voltage Range
–1.5
+1.5
V
VICM
DI
± and CI± Input Bias
Voltage
IIN = 0 mA
AVDD–3.0
AVDD–1.0
V
VOPD
DO
± Undershoot Voltage
at Zero Differential on
Transmit Return to
Zero (ETD)
(Note 5)
–100
mV
Twisted Pair Interface
IIRXD
Input Current at RXD
±
AVSS < VIN < AVDD
–500
500
µA
RRXD
RXD
± Differential Input
Resistance
(Note 5)
10
K
Ω
VTIVB
RXD+, RXD– Open Circuit
Input Voltage (Bias)
IIN = 0 mA
AVDD – 3.0
AVDD – 1.5
V
VTIDV
Differential Mode Input
Voltage Range (RXD
±)AVDD = +5 V
–3.1
+3.1
V
VTSQ+
RXD Positive Squelch
Sinusoid
Threshold (Peak)
5 MHz
≤ f ≤10 MHz
300
520
mV
VTSQ–
RXD Negative Squelch
Sinusoid
Threshold (Peak)
5 MHz
≤ f ≤10 MHz
–520
–300
mV
VTHS+
RXD Post-Squelch
Sinusoid
Positive Threshold (Peak)
5 MHz
≤ f ≤10 MHz
150
293
mV
VTHS–
RXD Post-Squelch
Sinusoid
Negative Threshold (Peak)
5 MHz
≤ f ≤10 MHz
–293
–150
mV
VLTSQ+
RXD Positive Squelch
Threshold (Peak)
LRT = 1 (Note 6)
180
312
mV
VLTSQ–
RXD Negative Squelch
Threshold (Peak)
LRT = 1 (Note 6)
–312
–180
mV
VLTHS+
RXD Post-Squelch Positive
Threshold (Peak)
LRT = 1 (Note 6)
90
156
mV
VLTHS–
RXD Post-Squelch
Negative Threshold (Peak)
LRT = 1 (Note 6)
–156
–90
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com