Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 72Page - Advanced Micro Devices AM79C960KC Datasheet HTML 73Page - Advanced Micro Devices AM79C960KC Datasheet HTML 74Page - Advanced Micro Devices AM79C960KC Datasheet HTML 75Page - Advanced Micro Devices AM79C960KC Datasheet HTML 76Page - Advanced Micro Devices AM79C960KC Datasheet HTML 77Page - Advanced Micro Devices AM79C960KC Datasheet HTML 78Page - Advanced Micro Devices AM79C960KC Datasheet HTML 79Page - Advanced Micro Devices AM79C960KC Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 127 page
background image
P R E L I M I N A R Y
AMD
1-418
Am79C960
ISACSR6: LED2 Status
Bit
Name
Description
ISACSR6
controls
the
func-
tion(s)
that
the
LED2
pin
displays. Multiple functions can
be simultaneously enabled on
this LED pin. The LED display will
indicate the logical OR of the en-
abled
functions.
ISACSR6
defaults to twisted pair MAU Re-
ceive Polarity (RCVPOL) with
pulse stretcher enabled (PSE =
1) and is fully programmable.
15
LEDOUT
Indicates
the
current
(non-
stretched) state of the function(s)
generated. Read only.
14-8
RES
Reserved locations. Read and
written as zero.
7
PSE
Pulse Stretcher Enable. Extends
the LED illumination for each en-
abled function occurrence.
0 is disabled, 1 is enabled.
6-5
RES
Reserved locations. Read and
written as zero.
4
XMT E
Enable Transmit Status Signal.
Indicates PCnet-ISA controller
transmit activity .
0 disables the signal, 1 enables
the signal.
3
RVPOL E
Enable Receive Polarity Signal.
Enables LED pin assertion when
receive polarity is correct on the
10BASE-T port. Clearing the bit
indicates
this
function
is
to
be ignored.
2
RCV E
Enable Receive Status Signal.
Indicates receive activity on the
network.
0 disables the signal, 1 enables
the signal.
1
JAB E
Enable Jabber Signal. Indicates
the PCnet-ISA controller is jab-
bering on the network.
0 disables the signal, 1 enables
the signal.
0
COL E
Enable Collision Signal. Indi-
cates collision activity on the
network.
0 disables the signal, 1 enables
the signal.
ISACSR7: LED3 Status
Bit
Name
Description
ISACSR7
controls
the
func-
tion(s)
that
the
LED3
pin
displays. Multiple functions can
be simultaneously enabled on
this LED pin. The LED display will
indicate the logical OR of the en-
abled
functions.
ISACSR7
defaults
to
Transmit
Status
(XMT) with pulse stretcher en-
abled (PSE = 1) and is fully
programmable.
15
LEDOUT
Indicates
the
current
(non-
stretched) state of the function(s)
generated. Read only.
14-8
RES
Reserved locations. Read and
written as zero.
7
PSE
Pulse Stretcher Enable. Extends
the LED illumination for each en-
abled function occurrence.
0 is disabled, 1 is enabled.
6-5
RES
Reserved locations. Read and
written as zero.
4
XMT E
Enable Transmit Status Signal.
Indicates PCnet-ISA controller
transmit activity .
0 disables the signal, 1 enables
the signal.
3
RVPOL E
Enable Receive Polarity Signal.
Enables LED pin assertion when
receive polarity is correct on the
10BASE-T port. Clearing the bit
indicates
this
function
is
to
be ignored.
2
RCV E
Enable Receive Status Signal.
Indicates receive activity on the
network.
0 disables the signal, 1 enables
the signal.
1
JAB E
Enable Jabber Signal. Indicates
the PCnet-ISA controller is jab-
bering on the network.
0 disables the signal, 1 enables
the signal.
0
COL E
Enable Collision Signal. Indi-
cates collision activity on the
network.
0 disables the signal, 1 enables
the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com