Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 73Page - Advanced Micro Devices AM79C960KC Datasheet HTML 74Page - Advanced Micro Devices AM79C960KC Datasheet HTML 75Page - Advanced Micro Devices AM79C960KC Datasheet HTML 76Page - Advanced Micro Devices AM79C960KC Datasheet HTML 77Page - Advanced Micro Devices AM79C960KC Datasheet HTML 78Page - Advanced Micro Devices AM79C960KC Datasheet HTML 79Page - Advanced Micro Devices AM79C960KC Datasheet HTML 80Page - Advanced Micro Devices AM79C960KC Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
P R E L I M I N A R Y
AMD
1-419
Am79C960
Initialization Block
The figure below shows the Initialization Block memory
configuration. Note that the Initialization Block must be
based on a word (16-bit) boundary.
Bits
Bits
Bits
Bits
Address
15–12
11–8
7–4
3–0
IADR+22
TLEN
RES
TDRA 23–16
IADR+20
TDRA 15–00
IADR+18
RLEN
RES
RDRA 23–16
IADR+16
RDRA 15–00
IADR+14
LADRF 63–48
IADR+12
LADRF 47–32
IADR+10
LADRF 31–16
IADR+08
LADRF 15–00
IADR+06
PADR 47–32
IADR+04
PADR 31–16
IADR+02
PADR 15–00
IADR+00
MODE 15–00
RLEN and TLEN
The TLEN and RLEN fields in the initialization block are
3 bits wide, occupying bits 15,14, and 13, and the value
in these fields determines the number of Transmit and
Receive Descriptor Ring Entries (DRE) which are used
in the descriptor rings. Their meaning is as follows:
R/TLEN
# of DREs
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
If a value other than those listed in the above table is de-
sired, CSR76 and CSR78 can be written after
initialization is complete. See the description of the ap-
propriate CSRs.
RDRA and TDRA
TDRA and RDRA indicate where the transmit and re-
ceive descriptor rings, respectively, begin. Each DRE
must be located on an 8-byte boundary.
LADRF
The Logical Address Filter (LADRF) is a 64-bit mask that
is used to accept incoming Logical Addresses. If the first
bit in the incoming address (as transmitted on the wire)
is a “1”, the address is deemed logical. If the first bit is a
“0”, it is a physical address and is compared against the
physical address that was loaded through the initializa-
tion block.
A logical address is passed through the CRC generator,
producing a 32-bit result. The high order 6 bits of the
CRC are used to select one of the 64 bit positions in the
Logical Address Filter. If the selected filter bit is set, the
address is accepted and the frame is placed into
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com