Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 56Page - Advanced Micro Devices AM79C960KC Datasheet HTML 57Page - Advanced Micro Devices AM79C960KC Datasheet HTML 58Page - Advanced Micro Devices AM79C960KC Datasheet HTML 59Page - Advanced Micro Devices AM79C960KC Datasheet HTML 60Page - Advanced Micro Devices AM79C960KC Datasheet HTML 61Page - Advanced Micro Devices AM79C960KC Datasheet HTML 62Page - Advanced Micro Devices AM79C960KC Datasheet HTML 63Page - Advanced Micro Devices AM79C960KC Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 127 page
background image
P R E L I M I N A R Y
AMD
1-402
Am79C960
MERR assertion will set the ERR
bit.
MERR is set by the Bus Interface
Unit and cleared by writing a “1”.
Writing a “0” has no effect. MERR
is cleared by RESET or by setting
the STOP bit.
10
RINT
Receive Interrupt is set after re-
ception of a receive frame and
toggling of the OWN bit in the last
buffer in the Receive Descriptor
Ring.
When RINT is set, IRQ is as-
serted if IENA = 1 and the mask
bit RINTM (CSR3.10) is clear.
RINT is set by the Buffer Man-
agement Unit after the last
receive buffer has been updated
and cleared by writing a “1”. Writ-
ing a “0” has no effect. RINT is
cleared by RESET or by setting
the STOP bit.
9
TINT
Transmit Interrupt is set after
transmission of a transmit frame
and toggling of the OWN bit in the
last buffer in the Transmit De-
scriptor Ring.
When TINT is set, IRQ is as-
serted if IENA = 1 and the mask
bit TINTM (CSR3.9) is clear.
TINT is set by the Buffer Man-
agement Unit after the last
transmit buffer has been updated
and cleared by writing a “1”.
Writing a “0” has no effect. TINT
is cleared by RESET or by setting
the STOP bit.
8
IDON
Initialization Done indicates that
the initialization sequence has
completed. When IDON is set,
PCnet-ISA controller has read
the
Initialization
block
from
memory.
When IDON is set, IRQ is as-
serted if IENA = 1 and the mask
bit IDONM (CSR3.8) is clear.
IDON is set by the Buffer Man-
agement
Unit
after
the
initialization block has been read
from memory and cleared by
writing a “1”. Writing a “0” has no
effect. IDON is cleared by RE-
SET or by setting the STOP bit.
7
INTR
Interrupt Flag indicates that one
or more of the following interrupt
causing conditions has occurred:
BABL, MISS, MERR, MPCO,
RCVCCO, RINT, TINT, IDON,
JAB or TXSTRT; and its associ-
ated mask bit is clear. If IENA = 1
and INTR is set, IRQ will be
active.
INTR is cleared automatically
when the condition that caused
interrupt is cleared.
INTR is read only. INTR is
cleared by RESET or by setting
the STOP bit.
6
IENA
Interrupt Enable allows IRQ to be
active if the Interrupt Flag is set. If
IENA = “0” then IRQ will be dis-
abled regardless of the state of
INTR.
IENA is set by writing a “1” and
cleared by writing a “0”. IENA is
cleared by RESET or by setting
the STOP bit.
5
RXON
Receive On indicates that the
Receive function is enabled.
RXON is set if DRX (CSR15.0) =
“0” after the START bit is set. If
INIT and START are set to-
gether, RXON will not be set until
after the initialization block has
been read in.
RXON is read only. RXON is
cleared by RESET or by setting
the STOP bit.
4
TXON
Transmit On indicates that the
Transmit function is enabled.
TXON is set if DTX (CSR15.1) =
“0” after the START bit is set. If
INIT and START are set to-
gether, TXON will not be set until
after the initialization block has
been read in.
TXON is read only. TXON is
cleared by RESET or by setting
the STOP bit.
3
TDMD
Transmit Demand, when set,
causes the Buffer Management
Unit to access the Transmit
Descriptor Ring without waiting
for
the
poll-time
counter
to
elapse. If TXON is not enabled,
TDMD bit will be reset and no
Transmit Descriptor Ring access
will occur. TDMD is required to
be set if the DPOLL bit in CSR4 is
set; setting TDMD while DPOLL
=
0
merely
hastens
the
PCnet-ISA controller’s response
to a Transmit Descriptor Ring En-
try.
TDMD is set by writing a “1”. Writ-
ing a “0” has no effect. TDMD will
be cleared by the Buffer Manage-
ment Unit when it fetches a
Transmit Descriptor. TDMD is
cleared by RESET or by setting
the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com