Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 77Page - Advanced Micro Devices AM79C960KC Datasheet HTML 78Page - Advanced Micro Devices AM79C960KC Datasheet HTML 79Page - Advanced Micro Devices AM79C960KC Datasheet HTML 80Page - Advanced Micro Devices AM79C960KC Datasheet HTML 81Page - Advanced Micro Devices AM79C960KC Datasheet HTML 82Page - Advanced Micro Devices AM79C960KC Datasheet HTML 83Page - Advanced Micro Devices AM79C960KC Datasheet HTML 84Page - Advanced Micro Devices AM79C960KC Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 127 page
background image
P R E L I M I N A R Y
AMD
1-423
Am79C960
the PCnet-ISA controller. There
are no minimum buffer size re-
strictions. Zero length buffers are
allowed for protocols which re-
quire it.
TMD3
Bit
Name
Description
15
BUFF
BUFFER ERROR is set by the
PCnet-ISA
controller
during
transmission
when
the
PCnet-ISA controller does not
find the ENP flag in the current
buffer and does not own the next
buffer. This can occur in either of
two ways:
1) The OWN bit of the next
buffer is zero.
2) FIFO underflow occurred
before the PCnet-ISA
controller obtained the
next STATUS byte
(TMD1[15:8]).
BUFF error will turn off the trans-
mitter (CSR0, TXON = 0). If a
Buffer Error occurs, an Under-
flow Error will also occur. BUFF is
not valid when LCOL or RTRY er-
ror is set during transmit data
chaining. BUFF is written by the
PCnet-ISA controller.
14
UFLO
UNDERFLOW
ERROR
indi-
cates that the transmitter has
truncated a message due to data
late from memory. UFLO indi-
cates that the FIFO has emptied
before the end of the frame was
reached. Upon UFLO error, the
transmitter is turned off (CSR0,
TXON = 0). UFLO is written by
the PCnet-ISA controller.
13
RES
RESERVED bit. The PCnet-ISA
controller will write this bit with a
“0”.
12
LCOL
LATE COLLISION indicates that
a collision has occurred after the
slot time of the channel has
elapsed. The PCnet-ISA control-
ler does not re-try on late
collisions. LCOL is written by the
PCnet-ISA controller.
11
LCAR
LOSS OF CARRIER is set when
the carrier is lost during an
PCnet-ISA
controller-initiated
transmission.
The
PCnet-ISA
controller does not stop trans-
mission upon loss of carrier. It will
continue to transmit the whole
frame until done. LCAR is written
by the PCnet-ISA controller.
10
RTRY
RETRY ERROR indicates that
the transmitter has failed after 16
attempts to successfully transmit
a message, due to repeated colli-
sions on the medium. If DRTY = 1
in the MODE register, RTRY will
set after one failed transmission
attempt. RTRY is written by the
PCnet-ISA controller.
09-00
TDR
TIME
DOMAIN
REFLEC-
TOMETRY reflects the state of
an internal PCnet-ISA controller
counter that counts at a 10 MHz
rate from the start of a transmis-
sion to the occurrence of a
collision or loss of carrier. This
value is useful in determining the
approximate distance to a cable
fault. The TDR value is written by
the PCnet-ISA controller and is
valid only if RTRY is set.
Note that 10 MHz gives very low
resolution and in general has not
been found to be particularly use-
ful. This feature is here primarily
to maintain full compatibility with
the LANCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com