Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 60Page - Advanced Micro Devices AM79C960KC Datasheet HTML 61Page - Advanced Micro Devices AM79C960KC Datasheet HTML 62Page - Advanced Micro Devices AM79C960KC Datasheet HTML 63Page - Advanced Micro Devices AM79C960KC Datasheet HTML 64Page - Advanced Micro Devices AM79C960KC Datasheet HTML 65Page - Advanced Micro Devices AM79C960KC Datasheet HTML 66Page - Advanced Micro Devices AM79C960KC Datasheet HTML 67Page - Advanced Micro Devices AM79C960KC Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
P R E L I M I N A R Y
AMD
1-406
Am79C960
Read/write accessible only when
STOP bit is set.
CSR12: Physical Address Register, PADR[15:0]
Bit
Name
Description
15-0 PADR[15:0]
Physical
Address
Register,
PADR[15:0]. Undefined until in-
itialized either automatically by
loading the initialization block or
directly by an I/O write to this
register. The PADR bits are
transmitted PADR[0] first and
PADR[47] last.
Read/write accessible only when
STOP bit is set.
CSR13: Physical Address Register, PADR[31:16]
Bit
Name
Description
15-0 PADR[31:16]
Physical
Address
Register,
PADR[31:16]. Undefined until in-
itialized either automatically by
loading the initialization block or
directly by an I/O write to this
register. The PADR bits are
transmitted PADR[0] first and
PADR[47] last.
Read/write accessible only when
STOP bit is set.
CSR14: Physical Address Register, PADR[47:32]
Bit
Name
Description
15-0 PADR[47:32]
Physical
Address
Register,
PADR[47:32]. Undefined until in-
itialized either automatically by
loading the initialization block or
directly by an I/O write to this
register. The PADR bits are
transmitted PADR[0] first and
PADR[47] last.
Read/write accessible only when
STOP bit is set.
CSR15: Mode Register
Bit
Name
Description
This register’s fields are loaded
during the PCnet-ISA controller
initialization routine with the cor-
responding Initialization Block
values. The register can also be
loaded directly by an I/O write.
Activating the RESET pin clears
all bits of CSR15 to zero.
15
PROM
Promiscuous Mode.
When PROM = “1”, all incoming
receive frames are accepted.
Read/write accessible only when
STOP bit is set.
14
DRCVBC
DisableReceive Broadcast .When
set, disables the PCnet-ISA con-
troller from responding to broad-
cast messages. Used for proto-
cols that do not support broad-
cast addressing, except as a
function of multicast. DRCVBC is
cleared by activation of the
RESET pin (broadcast mes-
sages will be received).
Read/write accessible only when
STOP bit is set.
13
DRCVPA
Disable Receive Physical Ad-
dress. When set, the physical
address detection (Station or
node ID) of the PCnet-ISA con-
troller will be disabled. Frames
addressed to the nodes individ-
ual physical address will not be
recognized (although the frame
may be accepted by the EADI
mechanism).
Read/write accessible only when
STOP bit is set.
12
DLNKTST
Disable
Link
Status.
When
DLNKTST = “1”, monitoring of
Link Pulses is disabled. When
DLNKTST = “0”, monitoring of
Link Pulses is enabled. This bit
only has meaning when the
10BASE-T network interface is
selected.
Read/write accessible only when
STOP bit is set.
11
DAPC
Disable Automatic Polarity Cor-
rection. When DAPC = “1”, the
10BASE-T receive polarity rever-
sal
algorithm
is
disabled.
Likewise, when DAPC = “0”, the
polarity reversal algorithm is en-
abled.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/write accessible only when
STOP bit is set.
10
MENDECL
MENDEC Loopback Mode. See
the description of the LOOP bit in
CSR15.
Read/write accessible only when
STOP bit is set.
9
LRT/TSEL
Low Receive Threshold (T-MAU
Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com