Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 48Page - Advanced Micro Devices AM79C960KC Datasheet HTML 49Page - Advanced Micro Devices AM79C960KC Datasheet HTML 50Page - Advanced Micro Devices AM79C960KC Datasheet HTML 51Page - Advanced Micro Devices AM79C960KC Datasheet HTML 52Page - Advanced Micro Devices AM79C960KC Datasheet HTML 53Page - Advanced Micro Devices AM79C960KC Datasheet HTML 54Page - Advanced Micro Devices AM79C960KC Datasheet HTML 55Page - Advanced Micro Devices AM79C960KC Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 127 page
background image
P R E L I M I N A R Y
AMD
1-394
Am79C960
Shared Memory Mode
Address PROM Cycles
The Address PROM is a small (16 bytes) 8-bit PROM
connected to the PCnet-ISA controller Private Data Bus
(PRDB). The PCnet-ISA controller will support only 8-bit
ISA I/O bus cycles for the address PROM; this limitation
is transparent to software and does not preclude 16-bit
software I/O accesses. An access cycle begins with the
Permanent Master driving AEN LOW, driving the ad-
dresses valid, and driving
IOR active. The PCnet-ISA
controller detects this combination of signals and arbi-
trates for the Private Data Bus if necessary. IOCHRDY
is always driven LOW during address PROM accesses.
When the Private Data Bus becomes available, the
PCnet-ISA controller drives
APCS active, releases
IOCHRDY, turns on the data path from PRD0-7, and en-
ables the SD0-7 drivers (but not SD8-15). During this
bus cycle,
IOCS16 is not driven active. This condition is
maintained until
IOR goes inactive, at which time the ac-
cess cycle ends. Data is removed from SD0-7 within
30 ns.
The PCnet-ISA controller will perform 8-bit ISA bus cy-
cle operation for all resources (registers, PROMs,
SRAM) if
SBHE has been left unconnected, such as in
the case of an 8-bit system like the PC/XT.
Ethernet Controller Register Cycles
Ethernet controller registers (RAP, RDP, ISACSR) are
naturally 16-bit resources but can be configured to oper-
ate with 8-bit bus cycles provided the proper protocol is
followed. If
IOCS16 has never gone HIGH since RE-
SET, then all controller register bus cycles will be 8-bit
only. This situation would occur if the
IOCS16 pin is dis-
connected from the ISA bus and tied to ground. This
means on a read, the PCnet-ISA controller will only drive
the low byte of the system data bus; if an odd byte is ac-
cessed, it will be swapped down. The high byte of the
system data bus is never driven by the PCnet-ISA con-
troller under these conditions. On a write, the even byte
is placed in a holding register. An odd-byte write is inter-
nally swapped up and augmented with the even byte in
the holding register to provide an internal 16-bit write.
This allows the use of 8-bit I/O bus cycles which are
more likely to be compatible with all clones, but requires
that both bytes be written in immediate succession. This
is accomplished simply by treating the PCnet-ISA con-
troller controller registers as 16-bit software resources.
The motherboard will convert the 16-bit accesses done
by software into two sequential 8-bit accesses, an even-
byte access followed immediately by an odd-byte
access.
An access cycle begins with the Permanent Master driv-
ing AEN LOW, driving the address valid, and driving
IOR
or
IOW active. The PCnet-ISA controller detects this
combination of signals and drives IOCHRDY LOW.
IOCS16 will also be driven LOW if 16-bit I/O bus cycles
are enabled. When the register data is ready, IOCHRDY
will be released HIGH. This condition is maintained until
IOR or IOW goes inactive, at which time the bus cycle
ends.
The PCnet-ISA controller will perform 8-bit ISA bus cy-
cle operation for all resources (registers, PROMs,
SRAM) if
SBHE has been left unconnected, such as in
the case of an 8-bit system like the PC/XT.
RESET Cycles
A read to the reset address causes an PCnet-ISA con-
troller reset. This has the same effect as asserting the
RESET pin on the PCnet-ISA controller, such as hap-
pens during a system power-up or hard boot. The
subsequent write cycle needed in the NE2100 LANCE-
based family of Ethernet cards is not required but does
not have any harmful effects.
IOCS16 is not asserted in
this cycle.
ISA Configuration Register Cycles
The ISA configuration register is accessed by placing
the address of the desired register into the RAP and
reading the IDP. The ISACSR bus cycles are identical
to all other PCnet-ISA controller register bus cycles.
Boot PROM Cycles
The Boot PROM is an 8-bit PROM connected to the
PCnet-ISA controller Private Data Bus (PRDB), and can
occupy up to 64 Kbytes of address space. In Shared
Memory Mode, an external address comparator is re-
sponsible for asserting
BPAM to the PCnet-ISA
controller.
BPAM is intended to be a perfect decode of
the boot PROM address space, i.e.
REF, LA17-23,
SA14-16 for a 16 Kbyte PROM. The LA bus must be
latched with BALE in order to provide stable signal for
BPAM. REF inactive must be used by the external logic
to gate boot PROM address decoding. This same logic
must assert
MEMCS16 to the ISA bus if 16-bit Boot
PROM bus cycles are desired.
The PCnet-ISA controller assumes 16-bit ISA memory
bus cycles for the boot PROM. A 16-bit boot PROM bus
cycle begins with the Permanent Master driving the ad-
dresses valid,
REF inactive, and SMEMR active. (AEN
is not involved in memory cycles). External hardware
would assert
BPAM and MEMCS16. The PCnet-ISA
controller detects this combination of signals, drives
IOCHRDY LOW, and reads two bytes out of the boot
PROM. The data bytes read from the PROM are driven
by the PCnet-ISA controller onto SD0-15 and IOCHRDY
is released. This condition is maintained until
MEMR
goes inactive, at which time the access cycle ends.
The PCnet-ISA controller can be made to support only
8-bit ISA memory bus cycles for the boot PROM. This
can be accomplished by asserting
BPAM and SMAM si-
multaneously; the PCnet-ISA controller would respond
using 8-bit ISA memory bus cycles only. Since this is an
illegal situation for simple address decoders, the exter-
nal address decoder must artificially drive
SMAM LOW
when the (8-bit) boot PROM address space is being ac-
cessed. In this case,
MEMCS16 must not be asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com