Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 47Page - Advanced Micro Devices AM79C960KC Datasheet HTML 48Page - Advanced Micro Devices AM79C960KC Datasheet HTML 49Page - Advanced Micro Devices AM79C960KC Datasheet HTML 50Page - Advanced Micro Devices AM79C960KC Datasheet HTML 51Page - Advanced Micro Devices AM79C960KC Datasheet HTML 52Page - Advanced Micro Devices AM79C960KC Datasheet HTML 53Page - Advanced Micro Devices AM79C960KC Datasheet HTML 54Page - Advanced Micro Devices AM79C960KC Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 127 page
background image
P R E L I M I N A R Y
AMD
1-393
Am79C960
Current Master Operation
Current Master operation only occurs in the bus master
mode. It does not occur in shared memory mode.
There are three phases to the use of the bus by the
PCnet-ISA controller as Current Master, the Obtain
Phase, the Access Phase, and the Release Phase.
Obtain Phase
A Master Mode Transfer Cycle begins by asserting
DRQ. When the Permanent Master asserts
DACK, the
PCnet-ISA controller asserts
MASTER, signifying it has
taken control of the ISA bus. The Permanent Master tris-
tates the address, command, and data lines within 60 ns
of
DACK going active. The Permanent Master drives
AEN inactive within 71 ns of
MASTER going active.
Access Phase
The ISA bus requires a wait of at least 125 ns after
MASTER is asserted before the new master is allowed
to drive the address, command, and data lines. The
PCnet-ISA controller will actually wait 3 clock cycles or
150 ns.
The following signals are not driven by the Permanent
Master and are simply pulled HIGH: BALE, IOCHRDY,
IOCS16, MEMCS16, SRDY. Therefore, the PCnet-ISA
controller assumes the memory which it is accessing is
16 bits wide and can complete an access in the time pro-
grammed for the PCnet-ISA controller
MEMR and
MEMW signals. Refer to the ISA Bus Configuration
Register description section.
Release Phase
When the PCnet-ISA controller is finished with the bus,
it drives the command lines inactive. 50 ns later, the con-
troller tri-states the command, address, and data lines
and drives DRQ inactive. 50 ns later, the controller
drives
MASTER inactive.
At least 375 ns after DRQ goes inactive, the Permanent
Master drives
DACK inactive.
The Permanent Master drives AEN active within 71 ns of
MASTER going inactive. The Permanent Master is al-
lowed to drive the command lines no sooner than 60 ns
after
DACK goes inactive.
Master Mode Memory Read Cycle
After the PCnet-ISA controller has acquired the ISA bus,
it can perform a memory read cycle. All timing is gener-
ated relative to the 20 MHz clock (network clock). Since
there is no way to tell if memory is 8- or 16-bit or when it
is ready, the PCnet-ISA controller by default assumes
16-bit, 1 wait state memory. The wait state assumption
is based on the default value in the MSRDA register in
ISACSR0.
The cycle begins with SA0-19,
SBHE, and LA17-23 be-
ing presented. The ISA bus requires them to be valid for
at least 28 ns before a read command and the
PCnet-ISA controller provides one clock or 50 ns of
setup time before asserting
MEMR.
The ISA bus requires
MEMR to be active for at least
219 ns, and the PCnet-ISA controller provides a default
of 5 clocks, or 250 ns, but this can be tuned for faster
systems with the Master Mode Read Active (MSRDA)
register (see section 2.5.2). Also, if IOCHRDY is driven
LOW, the PCnet-ISA controller will wait. The wait state
counter must expire and IOCHRDY must be HIGH for
the PCnet-ISA controller to continue.
The PCnet-ISA controller then accepts the memory
read data. The ISA bus requires all command lines to re-
main inactive for at least 97 ns before starting another
bus cycle and the PCnet-ISA controller provides at least
two clocks or 100 ns of inactive time.
The ISA bus requires read data to be valid no more than
173 ns after receiving
MEMR active and the PCnet-ISA
controller requires 10 ns of data setup time. The ISA bus
requires read data to provide at least 0 ns of hold time
and to be removed from the bus within 30 ns after
MEMR goes inactive. The PCnet-ISA controller requires
0 ns of data hold time.
Master Mode Memory Write Cycle
After the PCnet-ISA controller has acquired the ISA bus,
it can perform a memory write cycle. All timing is gener-
ated relative to a 20 MHz clock which happens to be the
same as the network clock. Since there is no way to tell if
memory is 8- or 16-bit or when it is ready, the PCnet-ISA
controller by default assumes 16-bit, 1 wait state mem-
ory. The wait state assumption is based on the default
value in the MSWRA register in ISACSR1.
The cycle begins with SA0-19,
SBHE, and LA17-23 be-
ing presented. The ISA bus requires them to be valid at
least 28 ns before
MEMW goes active and data to be
valid at least 22 ns before
MEMW goes active. The
PCnet-ISA controller provides one clock or 50 ns of
setup time for all these signals.
The ISA bus requires
MEMW to be active for at least
219 ns, and the PCnet-ISA controller provides a default
of 5 clocks, or 250 ns, but this can be tuned for faster
systems with the Master Mode Write Active (MSWRA)
register (ISACSR1). Also, if IOCHRDY is driven LOW,
the PCnet-ISA controller will wait. IOCHRDY must be
HIGH for the PCnet-ISA controller to continue.
The ISA bus requires data to be valid for at least 25 ns
after
MEMW goes inactive, and the PCnet-ISA control-
ler provides one clock or 50 ns.
The ISA bus requires all command lines to remain inac-
tive for at least 97 ns before starting another bus cycle.
The PCnet-ISA controller provides at least two clocks or
100 ns of inactive time when bit 4 in ISACSR2 is set. The
EISA bus requires all command lines to remain inactive
for at least 170 ns before starting another bus cycle.
When bit 4 in ISACSR4 is cleared, the PCnet-ISA con-
troller provides 200 ns of inactive time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com