Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 71Page - Advanced Micro Devices AM79C960KC Datasheet HTML 72Page - Advanced Micro Devices AM79C960KC Datasheet HTML 73Page - Advanced Micro Devices AM79C960KC Datasheet HTML 74Page - Advanced Micro Devices AM79C960KC Datasheet HTML 75Page - Advanced Micro Devices AM79C960KC Datasheet HTML 76Page - Advanced Micro Devices AM79C960KC Datasheet HTML 77Page - Advanced Micro Devices AM79C960KC Datasheet HTML 78Page - Advanced Micro Devices AM79C960KC Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 127 page
background image
P R E L I M I N A R Y
AMD
1-417
Am79C960
tMMR3 and tMMW3 are nomi-
nally set to 100 ns.
3
EADISEL
EADI
Select.
Enables
EADI
match mode. XMAUSEL must be
0.
2
AWAKE
Auto-Wake. If LNKST is set and
AWAKE = “1”, the 10BASE-T
receive circuitry is active during
sleep and listens for Link Pulses.
LED0 indicates Link Status and
goes active if the 10BASE-T port
comes of out of “link fail” state.
This LED0 pin can be used by ex-
ternal circuitry to re-enable the
PCnet-ISA
controller
and/or
other devices.
When AWAKE = “0”, the Auto-
Wake circuity is disabled. This bit
only has meaning when the
10BASE-T network interface is
selected.
1
ASEL
Auto Select. When set, the
PCnet-ISA controller will auto-
matically select the operating
media interface port.
Set by
Reset.
0
XMAUSEL
External MAU Select allows the
hardware selection of AUI or
10BASE-T interfaces when set.
When cleared, the interface is
selected by software. Cleared by
RESET.
ASEL
XMAUSEL
(Bit 1)
(Bit 0)
Selection Mode
0
0
Software; interface selection is
done through the PORTSEL[1:0]
bits in CSR15.
0
1
Jumper; interface selection is
done through the MAUSEL pin.
1
0
Automatic (default)
1
1
Reserved
ISACSR4: LED0 Status (Link Integrity)
Bit
Name
Description
ISACSR4 is a non-programma-
ble register that uses one bit to
reflect the status of the
LED0 pin.
This pin defaults to twisted pair
MAU Link Status (LNKST) and is
not programmable.
15
LNKST
LNKST is a read-only register bit
that indicates whether the Link
Status LED is asserted. When
LNKST is read as zero, the Link
Status LED is not asserted.
When LNKST is read as one, the
Link Status LED is asserted, indi-
cating good 10BASE-T integrity.
14-0
RES
Reserved locations. Written as 0,
read as undefined.
ISACSR5: LED1 Status
Bit
Name
Description
ISACSR5
controls
the
func-
tion(s)
that
the
LED1
pin
displays. Multiple functions can
be simultaneously enabled on
this LED pin. The LED display will
indicate the logical OR of the en-
abled
functions.
ISACSR5
defaults to Receive Status (RCV)
with pulse stretcher enabled
(PSE = 1) and is fully program-
mable.
15
LEDOUT
Indicates
the
current
(non-
stretched) state of the function(s)
generated. Read only.
14-8
RES
Reserved locations. Read and
written as zero.
7
PSE
Pulse Stretcher Enable. Extends
the LED illumination for each en-
abled function occurrence.
0 is disabled, 1 is enabled.
6-5
RES
Reserved locations. Read and
written as zero.
4
XMT E
Enable Transmit Status Signal.
Indicates PCnet-ISA controller
transmit activity .
0 disables the signal, 1 enables
the signal.
3
RVPOL E
Enable Receive Polarity Signal.
Enables LED pin assertion when
receive polarity is correct on the
10BASE-T port. Clearing the bit
indicates
this
function
is
to
be ignored.
2
RCV E
Enable Receive Status Signal.
Indicates receive activity on the
network.
0 disables the signal, 1 enables
the signal.
1
JAB E
Enable Jabber Signal. Indicates
the PCnet-ISA controller is jab-
bering on the network.
0 disables the signal, 1 enables
the signal.
0
COL E
Enable Collision Signal. Indi-
cates collision activity on the
network.
0 disables the signal, 1 enables
the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com