Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 59Page - Advanced Micro Devices AM79C960KC Datasheet HTML 60Page - Advanced Micro Devices AM79C960KC Datasheet HTML 61Page - Advanced Micro Devices AM79C960KC Datasheet HTML 62Page - Advanced Micro Devices AM79C960KC Datasheet HTML 63Page - Advanced Micro Devices AM79C960KC Datasheet HTML 64Page - Advanced Micro Devices AM79C960KC Datasheet HTML 65Page - Advanced Micro Devices AM79C960KC Datasheet HTML 66Page - Advanced Micro Devices AM79C960KC Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 127 page
background image
P R E L I M I N A R Y
AMD
1-405
Am79C960
TXSTRT is set by the MAC Unit
and cleared by writing a “1”, set-
ting RESET or setting the STOP
bit. Writing a “0” has no effect.
2
TXSTRTM
Transmit
Start
Mask.
If
TXSTRTM is set, the TXSTRT bit
in CSR4 will be masked and will
not set INTR flag in CSR0.
TXS-TRTM is set by RESET and
is not affected by STOP.
1
JAB
Jabber Error is set when the
PCnet-ISA controller Twisted-
pair MAU function exceeds an
allowed transmission limit. Jab-
ber is set by the TMAU cell and
can
only
be
asserted
in
10BASE-T mode.
When JAB is set, IRQ is asserted
if IENA = 1 and the mask bit
JABM (CSR4.0) is clear.
The JAB bit can be reset even if
the
jabber
condition
is
still
present.
JAB is set by the TMAU circuit
and cleared by writing a “1”. Writ-
ing a “0” has no effect. JAB is also
cleared by RESET or setting the
STOP bit.
0
JABM
Jabber Error Mask. If JABM is
set, the JAB bit in CSR4 will be
masked and will not set INTR flag
in CSR0.
JABM is set by RESET and is not
affected by STOP.
CSR6: RCV/XMT Descriptor Table Length
Bit
Name
Description
15-12
TLEN
Contains a copy of the transmit
encoded ring length (TLEN) field
read from the initialization block
during PCnet-ISA controller in-
itialization. This field is written
during the PCnet-ISA controller
initialization routine.
Read
accessible
only
when
STOP bit is set. Write operations
have no effect and should not be
performed. TLEN is only defined
after initialization.
11-8
RLEN
Contains a copy of the receive
encoded ring length (RLEN) read
from the initialization block dur-
ing PCnet-ISA controller initiali-
zation. This field is written during
the PCnet-ISA controller initiali-
zation routine.
Read
accessible
only
when
STOP bit is set. Write operations
have no effect and should not be
performed. RLEN is only defined
after initialization.
7-0
RES
Reserved locations. Read as
zero. Write operations should not
be performed.
CSR8: Logical Address Filter, LADRF[15:0]
Bit
Name
Description
15-0 LADRF[15:0]
Logical Address Filter, LADRF
[15:0]. Undefined until initialized
either automatically by loading
the initialization block or directly
by an I/O write to this register.
Read/write accessible only when
STOP bit is set.
CSR9: Logical Address Filter, LADRF[31:16]
Bit
Name
Description
15-0 LADRF[31:16] Logical
Address
Filter,
LADRF[31:16]. Undefined until
initialized either automatically by
loading the initialization block or
directly by an I/O write to this
register.
Read/write accessible only when
STOP bit is set.
CSR10: Logical Address Filter, LADRF[47:32]
Bit
Name
Description
15-0 LADRF[47:32] Logical
Address
Filter,
LADRF[47:32]. Undefined until
initialized either automatically by
loading the initialization block or
directly by an I/O write to this
register.
Read/write accessible only when
STOP bit is set.
CSR11: Logical Address Filter, LADRF[63:48]
Bit
Name
Description
15-0 LADRF[63:48] Logical
Address
Filter,
LADRF[63:48]. Undefined until
initialized either automatically by
loading the initialization block or
directly by an I/O write to this
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com