Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 102 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 102 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 98Page - Advanced Micro Devices AM79C960KC Datasheet HTML 99Page - Advanced Micro Devices AM79C960KC Datasheet HTML 100Page - Advanced Micro Devices AM79C960KC Datasheet HTML 101Page - Advanced Micro Devices AM79C960KC Datasheet HTML 102Page - Advanced Micro Devices AM79C960KC Datasheet HTML 103Page - Advanced Micro Devices AM79C960KC Datasheet HTML 104Page - Advanced Micro Devices AM79C960KC Datasheet HTML 105Page - Advanced Micro Devices AM79C960KC Datasheet HTML 106Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
P R E L I M I N A R Y
AMD
1-444
Am79C960
SWITCHING TEST CIRCUITS
AVDD
DO+
154
Ω
100 pF
DO–
AVSS
52.3
Ω
TEST POINT
16907B-20
AUI DO Switching Test Circuit
DVDD
TXD+
294
Ω
100 pF
TXD–
DVSS
294
Ω
TEST POINT
Includes Test
Jig Capacitance
16907B-21
TXD Switching Test Circuit
DVDD
TXP+
715
Ω
100 pF
TXP–
DVSS
715
Ω
TEST POINT
Includes Test
Jig Capacitance
16907B-22
TXP Outputs Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com