Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C960KC Datasheet(PDF) 126 Page - Advanced Micro Devices

Part # AM79C960KC
Description  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960KC Datasheet(HTML) 126 Page - Advanced Micro Devices

Back Button AM79C960KC Datasheet HTML 119Page - Advanced Micro Devices AM79C960KC Datasheet HTML 120Page - Advanced Micro Devices AM79C960KC Datasheet HTML 121Page - Advanced Micro Devices AM79C960KC Datasheet HTML 122Page - Advanced Micro Devices AM79C960KC Datasheet HTML 123Page - Advanced Micro Devices AM79C960KC Datasheet HTML 124Page - Advanced Micro Devices AM79C960KC Datasheet HTML 125Page - Advanced Micro Devices AM79C960KC Datasheet HTML 126Page - Advanced Micro Devices AM79C960KC Datasheet HTML 127Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 126 / 127 page
background image
AMD
B-2
Am79C960
PCnet-ISA
AVDD2
Pin 99
AVSS2
Pin 89
VDD Plane
33
µF to 6.8 µF
R1
1
Ω to 20 Ω
To determine the value for the resistor and capacitor,
the formula is:
R * C
≥ 88
Where R is in ohms and C is in microfarads. Some pos-
sible combinations are given below. To minimize the
voltage drop across the resistor, the R value should not
be more than 20
Ω.
2.7
Ω
33
µF
4.3
Ω
22
µF
6.8
Ω
15
µF
10
Ω
10
µF
20
Ω
6.8
µF
RC
AVSS2 and AVDD2/AVDD4
These pins provide power and ground for the AUI and
twisted pair receive circuitry. No specific decoupling
has been necessary on these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com