Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 152 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 152 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 148Page - Advanced Micro Devices AM79C975 Datasheet HTML 149Page - Advanced Micro Devices AM79C975 Datasheet HTML 150Page - Advanced Micro Devices AM79C975 Datasheet HTML 151Page - Advanced Micro Devices AM79C975 Datasheet HTML 152Page - Advanced Micro Devices AM79C975 Datasheet HTML 153Page - Advanced Micro Devices AM79C975 Datasheet HTML 154Page - Advanced Micro Devices AM79C975 Datasheet HTML 155Page - Advanced Micro Devices AM79C975 Datasheet HTML 156Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 304 page
background image
152
Am79C973/Am79C975
P R E L I M INARY
CSR82: Transmit Descriptor Address Pointer
Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
TXDAPL
Contains the lower 16 bits of the
transmit descriptor address cor-
responding to the last buffer of
the previous transmit frame. If the
previous transmit frame did not
use buffer chaining, then TXDA-
PL contains the lower 16 bits of
the previous frame’s transmit de-
scriptor address.
When both the STOP or SPND
bits are cleared, this register is
updated
by
Am79C973/
Am79C975 controller immediate-
ly before a transmit descriptor
write.
Read accessible always. Write
accessible through the PXDAL
bits (CSR60) when the STOP or
SPND bit is set. TXDAPL is set to
0 by H_RESET and are unaffect-
ed by S_RESET or STOP.
CSR84: DMA Address Register Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
DMABAL
This register contains the lower
16 bits of the address of system
memory for the current DMA cy-
cle. The Bus Interface Unit con-
trols the Address Register by
issuing increment commands to
increment the memory address
for sequential operations. The
DMABAL register is undefined
until
the
first
Am79C973/
Am79C975 controller DMA oper-
ation.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR85: DMA Address Register Upper
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
DMABAU
This register contains the upper
16 bits of the address of system
memory for the current DMA cy-
cle. The Bus Interface Unit con-
trols the Address Register by
issuing increment commands to
increment the memory address
for sequential operations. The
DMABAU register is undefined
until
the
first
Am79C973/
Am79C975 controller DMA oper-
ation.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR86: Buffer Byte Counter
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-12 RES
Reserved. Read and written with
ones.
11-0
DMABC
DMA Byte Count Register. Con-
tains the two's complement of the
current size of the remaining
transmit
or receive
buffer in
bytes. This register is increment-
ed by the Bus Interface Unit. The
DMABC register is undefined un-
til written.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR88: Chip ID Register Lower
Bit
Name
Description
31-28 VER
Version. This 4-bit pattern is
silicon-revision dependent.
Read accessible only when either
the STOP or the SPND bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com