Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 153 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 153 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 149Page - Advanced Micro Devices AM79C975 Datasheet HTML 150Page - Advanced Micro Devices AM79C975 Datasheet HTML 151Page - Advanced Micro Devices AM79C975 Datasheet HTML 152Page - Advanced Micro Devices AM79C975 Datasheet HTML 153Page - Advanced Micro Devices AM79C975 Datasheet HTML 154Page - Advanced Micro Devices AM79C975 Datasheet HTML 155Page - Advanced Micro Devices AM79C975 Datasheet HTML 156Page - Advanced Micro Devices AM79C975 Datasheet HTML 157Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 304 page
background image
Am79C973/Am79C975
153
P R E L I M INARY
VER is read only. Write opera-
tions are ignored.
27-12 PARTID
Part number. The 16-bit code for
the
Am79C973
controller
is
0010 0110 0010 0101 (2625h)
and the code for the Am79C975
is 0010 0110 0010 0111 (2627h).
This register is exactly the same
as the Device ID register in the
JTAG description. However, this
part number is different from that
stored in the Device ID register in
the PCI configuration space.
Read accessible only when either
the STOP or the SPND bit is set.
PARTID is read only. Write oper-
ations are ignored.
11-1
MANFID
Manufacturer ID. The 11-bit man-
ufacturer
code
for
AMD
is
00000000001b. This code is per
the JEDEC Publication 106-A.
Note that this code is not the
same as the Vendor ID in the PCI
configuration space.
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. MANFID is
read only. Write operations are
ignored.
0
ONE
Always a logic 1.
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. ONE is read
only. Write operations are ig-
nored.
CSR89: Chip ID Register Upper
Bit
Name
Description
31-16 RES
Reserved locations. Read as un-
defined.
15-12 VER
Version. This 4-bit pattern is
silicon-revision dependent.
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. VER is read
only. Write operations are ig-
nored.
11-0
PARTIDU
Upper 12 bits of the Am79C973/
Am79C975 controller part num-
ber,
i.e.,
0010
0110
0010b
(262h).
Read accessible only when either
the STOP or the SPND bit is set.
VER is read only. PARTIDU is
read only. Write
operations are
ignored.
CSR92: Ring Length Conversion
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCON
Ring Length Conversion Regis-
ter. This register performs a ring
length conversion from an encod-
ed value as found in the initializa-
tion block to a two’s complement
value used for internal counting.
By writing bits 15-12 with an en-
coded ring length, a two’s com-
plemented value is read. The
RCON register is undefined until
written.
Read/Write accessible only when
either the STOP or the SPND bit
is set. These bits are unaffected
by
H_RESET,
S_RESET,
or
STOP.
CSR100: Bus Timeout
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MERRTO
This register contains the value of
the longest allowable bus latency
(interval between assertion of
REQ and assertion of GNT) that a
system
may
insert
into
an
Am79C973/Am79C975 controller
master transfer. If this value of
bus latency is exceeded, then a
MERR will be indicated in CSR0,
bit 11, and an interrupt may be
generated, depending upon the
Device
CSR88
Am79C973
5003h
Am79C975
7003h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com