Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 159 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 159 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 155Page - Advanced Micro Devices AM79C975 Datasheet HTML 156Page - Advanced Micro Devices AM79C975 Datasheet HTML 157Page - Advanced Micro Devices AM79C975 Datasheet HTML 158Page - Advanced Micro Devices AM79C975 Datasheet HTML 159Page - Advanced Micro Devices AM79C975 Datasheet HTML 160Page - Advanced Micro Devices AM79C975 Datasheet HTML 161Page - Advanced Micro Devices AM79C975 Datasheet HTML 162Page - Advanced Micro Devices AM79C975 Datasheet HTML 163Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 304 page
background image
Am79C973/Am79C975
159
P R E L I M INARY
Table 29. BCR Registers (Am79C973)
RAP
Mnemonic
Default
Name
Programmability
User
EEPROM
0
MSRDA
0005h
Reserved
No
No
1
MSWRA
0005h
Reserved
No
No
2
MC
0002h
Miscellaneous Configuration
Yes
Yes
3
Reserved
N/A
Reserved
No
No
4
LED0
00C0h
LED0 Status
Yes
Yes
5
LED1
0084h
LED1 Status
Yes
Yes
6
LED2
0088h
LED2 Status
Yes
Yes
7
LED3
0090h
LED3 Status
Yes
Yes
8
Reserved
N/A
Reserved
No
No
9
FDC
0000h
Full-Duplex Control
Yes
Yes
10-15
Reserved
N/A
Reserved
No
No
16
IOBASEL
N/A
Reserved
No
No
17
IOBASEU
N/A
Reserved
No
No
18
BSBC
9001h
Burst and Bus Control
Yes
Yes
19
EECAS
0002h
EEPROM Control and Status
Yes
No
20
SWS
0000h
Software Style
Yes
No
21
INTCON
N/A
Reserved
No
No
22
PCILAT
FF06h
PCI Latency
Yes
Yes
23
PCISID
0000h
PCI Subsystem ID
No
Yes
24
PCISVID
0000h
PCI Subsystem Vendor ID
No
Yes
25
SRAMSIZ
0000h
SRAM Size
Yes
Yes
26
SRAMB
0000h
SRAM Boundary
Yes
Yes
27
SRAMIC
0000h
SRAM Interface Control
Yes
Yes
28
EBADDRL
N/A
Expansion Bus Address Lower
Yes
No
29
EBADDRU
N/A
Expansion Bus Address Upper
Yes
No
30
EBD
N/A
Expansion Bus Data Port
Yes
No
31
STVAL
FFFFh
Software Timer Value
Yes
No
32
MIICAS
0000h
PHY Control and Status
Yes
Yes
33
MIIADDR
0000h
PHY Address
Yes
Yes
34
MIIMDR
N/A
PHY Management Data
Yes
No
35
PCIVID
1022h
PCI Vendor ID
No
Yes
36
PMC_A
C811h
PCI Power Management Capabilities (PMC)
Alias Register
No
Yes
37
DATA0
0000h
PCI DATA Register Zero Alias Register
No
Yes
38
DATA1
0000h
PCI DATA Register One Alias Register
No
Yes
39
DATA2
0000h
PCI DATA Register Two Alias Register
No
Yes
40
DATA3
0000h
PCI DATA Register Three Alias Register
No
Yes
41
DATA4
0000h
PCI DATA Register Four Alias Register
No
Yes
42
DATA5
0000h
PCI DATA Register Five Alias Register
No
Yes
43
DATA6
0000h
PCI DATA Register Six Alias Register
No
Yes
44
DATA7
0000h
PCI DATA Register Seven Alias Register
No
Yes
45
PMR1
N/A
Pattern Matching Register 1
Yes
No
46
PMR2
N/A
Pattern Matching Register 2
Yes
No
47
PMR3
N/A
Pattern Matching Register 3
Yes
No
48
Reserved
0000h
Reserved (for Am79C975)
Yes*
Yes*
49
Reserved
0000h
Reserved (for Am79C975)
Yes*
Yes*
50
Reserved
0000h
Reserved (for Am79C975)
Yes*
Yes*
51
Reserved
0000h
Reserved (for Am79C975)
Yes*
Yes*
52
Reserved
0000h
Reserved (for Am79C975)
Yes*
Yes*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com