Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975 Datasheet(PDF) 162 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 162 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 158Page - Advanced Micro Devices AM79C975 Datasheet HTML 159Page - Advanced Micro Devices AM79C975 Datasheet HTML 160Page - Advanced Micro Devices AM79C975 Datasheet HTML 161Page - Advanced Micro Devices AM79C975 Datasheet HTML 162Page - Advanced Micro Devices AM79C975 Datasheet HTML 163Page - Advanced Micro Devices AM79C975 Datasheet HTML 164Page - Advanced Micro Devices AM79C975 Datasheet HTML 165Page - Advanced Micro Devices AM79C975 Datasheet HTML 166Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 304 page
background image
162
Am79C973/Am79C975
P R E L I M INARY
BCR2: Miscellaneous Configuration
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15
SMIUEN
(For Am79C975 only) SMIUEN is
used to enable/disable the Serial
Management Interface Unit in the
Am79C975 controller.
If SMIUEN is set to 0 (default),
the SMIU is disable. If SMIUEN is
set to 1, the SMIU is enabled.
Read/Write accessible always.
SMIUEN is cleared to 0 by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.
14
DISSCR_SFEX
This bit is used to disable the
scrambler/descrambler when the
device is used in PECL mode.
This bit defaults to 0, which en-
ables the scrambler/descrambler
for MLT3 applications.
When DISSCR_SFEX is set to 1,
the scrambler will be disabled for
fiber applications.
Read/Write accessible always.
This bit is cleared to 0 by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.
13
PHYSELEN This
bit
enables
writes
to
BCR18[4:3] for software selec-
tion of various operation and test
modes. When PHYSELEN is set
to 0 (default), the two bits can
only be written from the EE-
PROM. When PHYSELEN is set
to 1, writes to BCR18[4:3] are en-
abled.
Read/Write accessible always.
PHYSELEN is cleared to 0 by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.
12
LEDPE
LED
Program
Enable.
When
LEDPE is set to 1, programming
of
the
LED0
(BCR4),
LED1
(BCR5),
LED2
(BCR6),
and
LED3 (BCR7) registers is en-
abled. When LEDPE is cleared to
0, programming of LED0 (BCR4),
LED1 (BCR5), LED2 (BCR6),
and LED3 (BCR7) registers is
disabled. Writes to those regis-
ters will be ignored.
Read/Write accessible always.
LEDPE
is
cleared
to
0
by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.
11
RESET_SFEX
This bit is used to reset the inter-
nal PHY. When RESET_SFEX is
set to 1, the internal PHY will stay
reset
until
RESET_SFEX
is
cleared to 0.
Read/Write accessible always.
RESET_SFEX is cleared to 0 by
H_RESET and is unaffected by
S_RESET or by setting the STOP
bit.
10
I2C_M3
(Am79C975 only). This bit is used
to set the operating frequency of
the SMIU core. It represents the
value in the D6 bit position (see
Appendix B on SMIU Bus Fre-
quency.
Read/Write accessible always.
I2C_M3 is cleared by H_RESET
and is unaffected by S_RESET or
by setting the STOP bit.
9
I2C_M2
(Am79C975 only). This bit is used
to set the operating frequency of
the SMIU core. It represents the
53
M_IP_ADR[15:0]
0000h
Management IP Address [15:0]
Yes
Yes
54
M_IPADR[31:16]
0000h
Management IP Address [31:16]
Yes
Yes
Table 30. BCR Registers (Am79C975)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com