Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM79C978 Datasheet HTML 1Page - Advanced Micro Devices AM79C978 Datasheet HTML 2Page - Advanced Micro Devices AM79C978 Datasheet HTML 3Page - Advanced Micro Devices AM79C978 Datasheet HTML 4Page - Advanced Micro Devices AM79C978 Datasheet HTML 5Page - Advanced Micro Devices AM79C978 Datasheet HTML 6Page - Advanced Micro Devices AM79C978 Datasheet HTML 7Page - Advanced Micro Devices AM79C978 Datasheet HTML 8Page - Advanced Micro Devices AM79C978 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 261 page
background image
Am79C978
3
Ethernet controllers in the PCnet Family (except
ILACC ™ ( A m79C90 0) ) , inc l u d ing P C net- I SA
(Am79C960), PCnet-ISA+ (Am79C961), PCnet-ISA II
(Am79C961A), PCnet-32 (Am79C965A), PCnet-PCI
(Am79C970), PCnet-PCI II (Am79C970A), PCnet-
FAST (Am79C971), and PCnet-FAST+ (Am79C972).
The Buffer Management Unit supports the LANCE and
PCnet descriptor software models.
While consuming minimal network resources, AMD’s
innovative any1Home™ Link Detection Packet for
HomePNA networks provides a means to indicate to
the MAC and thus the upper layers of the system pro-
tocol that a valid network (as defined by Home Net-
working Alliance) has been detected. The Link
Detection Packet is also capable of detecting a network
failure and allows the upper layer protocol to take cor-
rective action. Thus, the Link Detection Packet ensure
strict compliance to the Microsoft PC97, PC98, and
Home PNA requirements.
The integrated Am79C978 controller supports auto-
configuration in the PCI configuration space. Additional
integrated controller configuration parameters, includ-
ing the unique IEEE physical address, can be read
from an external non-volatile memory (EEPROM) im-
mediately following system reset.
In addition, the Am79C978 controller provides pro-
grammable on-chip LED drivers for transmit, receive,
collision, link integrity, Magic Packet status, speed, ac-
tivity, power output, address match, full-duplex, or 100
Mbps status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com