Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 10Page - Advanced Micro Devices AM79C978 Datasheet HTML 11Page - Advanced Micro Devices AM79C978 Datasheet HTML 12Page - Advanced Micro Devices AM79C978 Datasheet HTML 13Page - Advanced Micro Devices AM79C978 Datasheet HTML 14Page - Advanced Micro Devices AM79C978 Datasheet HTML 15Page - Advanced Micro Devices AM79C978 Datasheet HTML 16Page - Advanced Micro Devices AM79C978 Datasheet HTML 17Page - Advanced Micro Devices AM79C978 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 261 page
background image
14
Am79C978
Table 44. FMDC Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 169
Table 45. APDW Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 169
Table 46. HPR0: HomePNA PHY MII Control (Register 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 179
Table 47. HPR1: HomePNA PHY MII Status (Register 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Table 48. HPR2 and HPR3: HomePNA PHY MII ID (Registers 2 and 3). . . . . . . . . . . . . . . . . . . . . . 181
Table 49. HPR4-HPR7: HomePNA PHY Auto-Negotiation (Registers 4 - 7) . . . . . . . . . . . . . . . . . . . 181
Table 50. HPR16: HomePNA PHY Control (Register 16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 182
Table 51. HPR17: HomePNA Status Control (Register 17) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 183
Table 52. HPR18 and HPR19: HomePNA PHY TxCOMM (Registers 18 and 19) . . . . . . . . . . . . . . . 183
Table 53. HPR20 and HPR21: HomePNA PHY RxCOMM (Registers 20 and 21) . . . . . . . . . . . . . . 184
Table 54. HPR22: HomePNA PHY AID (Register 22) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
Table 55. HPR23: HomePNA PHY Noise Control (Register 23) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
Table 56. HPR24: HomePNA PHY Noise Control 2 (Register 24). . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Table 57. HPR25: HomePNA PHY Noise Statistics (Register 25) . . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Table 58. HPR26: HomePNA PHY Event Status (Register 26) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
Table 59. HPR27: HomePNA PHY Event Status (Register 27) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
Table 60. HPR8: HomePNA PHY ISBI Control (Register 28) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
Table 61. HPR29: HomePNA PHY TX Control (Register 29) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 187
Table 62. HPR30: HomePNA PHY Drive Level Control Test Register (Register 30) . . . . . . . . . . . . . 187
Table 63. HPR31: HomePNA PHY Analog Control Register (Register 31) . . . . . . . . . . . . . . . . . . . . 187
Table 64. Am79C978 10BASE-T PHY Management Register Set . . . . . . . . . . . . . . . . . . . . . . . . . . 188
Table 65. TBR0: 10BASE-T PHY Control Register (Register 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 189
Table 66. TBR1: 10BASE-T PHY Status Register (Register 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 190
Table 67. TBR2: 10BASE-T PHY Identifier (Register 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 191
Table 68. TBR3: 10BASE-T PHY Identifier (Register 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 191
Table 69. TBR4: 10BASE-T Auto-Negotiation Advertisement Register (Register 4) . . . . . . . . . . . . . 192
Table 70. TBR5: 10BASE-T Auto-Negotiation Link Partner Ability Register (Register 5) - Base Page
Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 193
Table 71. TBR5: 10BASE-T Auto-Negotiation Link Partner Ability Register (Register 5) - Next Page
Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 193
Table 72. TBR6: 10BASE-T Auto-Negotiation Expansion Register (Register 6) . . . . . . . . . . . . . . . . 194
Table 73. TBR7: 10BASE-T Auto-Negotiation Next Page Register (Register 7) . . . . . . . . . . . . . . . . 194
Table 74. TBR16: 10BASE-T INTERRUPT Status and Enable Register (Register 16) . . . . . . . . . . . 195
Table 75. TBR17: 10BASE-T PHY Control/Status Register (Register 17) . . . . . . . . . . . . . . . . . . . . . 196
Table 76. TBR19: 10BASE-T PHY Management Extension Register (Register 19) . . . . . . . . . . . . . 197
Table 77. TBR24: 10BASE-T Summary Status Register (Register 24) . . . . . . . . . . . . . . . . . . . . . . . 197
Table 78. Initialization Block (SSIZE32 = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 198
Table 79. Initialization Block (SSIZE32 = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 198
Table 80. R/TLEN Decoding (SSIZE32 = 0). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 199
Table 81. R/TLEN Decoding (SSIZE32 = 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 199
Table 82. Receive Descriptor (SWSTYLE = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
Table 83. Receive Descriptor (SWSTYLE = 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
Table 84. Receive Descriptor (SWSTYLE = 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
Table 85. Transmit Descriptor (SWSTYLE = 0) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Table 86. Transmit Descriptor (SWSTYLE = 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Table 87. Transmit Descriptor (SWSTYLE = 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Table 88. PCI Configuration Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 207
Table 89. Control and Status Registers (CSRs). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
Table 90. Bus Configuration Registers (BCRs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 212
Table 91. 10BASE-T PHY Management Registers (TBRs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 213
Table 92. 1 Mbps HomePNA PHY Management Registers (HPRs) . . . . . . . . . . . . . . . . . . . . . . . . . 214
Table 93. Control and Status Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 215
Table 94. Bus Configuration Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 217
Table A-1. Registers for Alternative Initialization Method (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . A-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com