Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 58Page - Advanced Micro Devices AM79C978 Datasheet HTML 59Page - Advanced Micro Devices AM79C978 Datasheet HTML 60Page - Advanced Micro Devices AM79C978 Datasheet HTML 61Page - Advanced Micro Devices AM79C978 Datasheet HTML 62Page - Advanced Micro Devices AM79C978 Datasheet HTML 63Page - Advanced Micro Devices AM79C978 Datasheet HTML 64Page - Advanced Micro Devices AM79C978 Datasheet HTML 65Page - Advanced Micro Devices AM79C978 Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 261 page
background image
62
Am79C978
.
Figure 34.
32-Bit Software Model
Polling
If there is no network channel activity and there is no
pre- or post-receive or pre- or post-transmit activity
being performed by the Am79C978 controller, then the
Am79C978 controller will periodically poll the current
receive and transmit descriptor entries in order to as-
certain their ownership. If the DPOLL bit in CSR4 is set,
then the transmit polling function is disabled.
A typical polling operation consists of the following se-
quence. TheAm79C978 controller will use the current
receive descriptor address stored internally to vector to
the appropriate Receive Descriptor Table Entry
(RDTE). It will then use the current transmit descriptor
address (stored internally) to vector to the appropriate
Transmit Descriptor Table Entry (TDTE). The accesses
will be made in the following order: RMD1, then RMD0
of the current RDTE during one bus arbitration, and
after that, TMD1, then TMD0 of the current TDTE dur-
ing a second bus arbitration. All information collected
during polling activity will be stored internally in the ap-
propriate CSRs, if the OWN bit is set (i.e., CSR18,
CSR19, CSR20, CSR21, CSR40, CSR42, CSR50,
CSR52).
A typical receive poll is the product of the following con-
ditions:
1. The controller does not own the current RDTE and
the poll time has elapsed and RXON = 1 (CSR0,
bit 5), or
2. The controller does not own the next RDTE and
there is more than one receive descriptor in the ring
and the poll time has elapsed and RXON = 1.
If RXON is cleared to 0, the Am79C978 controller will
never poll RDTE locations.
In order to avoid missing frames, the system should
have at least one RDTE available. To minimize poll ac-
tivity, two RDTEs should be available. In this case, the
poll operation will only consist of the check of the status
of the current TDTE.
A typical transmit poll is the product of the following
conditions:
Initialization
Block
CSR1
CSR2
RMD
RMD
RMD
RMD
Rcv Descriptor
Ring
N
N
N
N
•
•
•
1st
desc.
start
2nd
desc.
start
RMD
TMD0
TMD1 TMD2 TMD3
Xmt Descriptor
Ring
M
M
M
M
•
•
•
1st
desc.
start
2nd
desc.
start
TMD0
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
2
Data
Buffer
1
PADR[31:0]
IADR[31:16]
IADR[15:0]
TLE RES RLE RES
MODE
PADR[47:32]
RES
LADRF[31:0]
LADRF[63:32]
RDRA[31:0]
TDRA[31:0]
Rcv
Buffers
Xmt
Buffers
22206B-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com