Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 65Page - Advanced Micro Devices AM79C978 Datasheet HTML 66Page - Advanced Micro Devices AM79C978 Datasheet HTML 67Page - Advanced Micro Devices AM79C978 Datasheet HTML 68Page - Advanced Micro Devices AM79C978 Datasheet HTML 69Page - Advanced Micro Devices AM79C978 Datasheet HTML 70Page - Advanced Micro Devices AM79C978 Datasheet HTML 71Page - Advanced Micro Devices AM79C978 Datasheet HTML 72Page - Advanced Micro Devices AM79C978 Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 261 page
background image
Am79C978
69
Automatic pad field insertion is controlled by the
APAD_XMT bit in CSR4.
The disable FCS generation/transmission feature can
be programmed as a static feature or dynamically on a
frame-by-frame basis.
Transmit FIFO Watermark (XMTFW) in CSR80 sets
the point at which the BMU requests more data from
the transmit buffers for the FIFO. A minimum of
XMTFW empty spaces must be available in the trans-
mit FIFO before the BMU will request the system bus in
order to transfer transmit frame data into the transmit
FIFO.
Transmit Start Point (XMTSP) in CSR80 sets the point
when the transmitter actually attempts to transmit a
frame onto the media. A minimum of XMTSP bytes
must be written to the transmit FIFO for the current
frame before transmission of the current frame will be-
gin. (When automatically padded packets are being
sent, it is conceivable that the XMTSP is not reached
when all of the data has been transferred to the FIFO.
In this case, the transmission will begin when all of the
frame data has been placed into the transmit FIFO.)
The default value of XMTSP is 01b, meaning there has
to be 64 bytes in the transmit FIFO to start a transmis-
sion.
Automatic Pad Generation
Transmit frames can be automatically padded to ex-
tend them to 64 data bytes (excluding preamble). This
allows the minimum frame size of 64 bytes (512 bits)
for IEEE 802.3/Ethernet to be guaranteed with no soft-
ware intervention from the host/controlling process.
Setting the APAD_XMT bit in CSR4 enables the auto-
matic padding feature. The pad is placed between the
LLC data field and FCS field in the IEEE 802.3 frame.
FCS is always added if the frame is padded, regardless
of the state of DXMTFCS (CSR15, bit 3) or ADD_FCS
(TMD1, bit 29). The transmit frame will be padded by
bytes with the value of 00h. The default value of
APAD_XMT is 0, which will disable automatic pad gen-
eration after H_RESET.
It is the responsibility of upper layer software to cor-
rectly define the actual length field contained in the
message to correspond to the total number of LLC data
bytes encapsulated in the frame (length field as defined
in the ISO 8802-3 (IEEE/ANSI 802.3) standard). The
length value contained in the message is not used by
the Am79C978 controller to compute the actual num-
ber of pad bytes to be inserted. TheAm79C978 control-
ler will append pad bytes dependent on the actual
number of bits transmitted onto the network. Once the
last data byte of the frame has completed, prior to ap-
pending the FCS, the Am79C978 controller will check
to ensure that 544 bits have been transmitted. If not,
pad bytes are added to extend the frame size to this
value, and the FCS is then added. See Figure 35.
The 544 bit count is derived from the following:
Minimum frame size (excluding preamble/SFD,
including FCS)
64 bytes
512 bits
Preamble/SFD size 8 bytes
64 bits
FCS size
4 bytes
32 bits
The 544 bit count is derived from the following:
Minimum frame size (excluding preamble/SFD,
including FCS)
64 bytes
512 bits
Preamble/SFD size 8 bytes
64 bits
FCS size
4 bytes
32 bits
At the point that FCS is to be appended, the transmitted
frame should contain:
Preamble/SFD + (Min Frame Size - FCS)
64 + (512-32) = 544 bits
A minimum length transmit frame from theAm79C978
controller, therefore, will be 576 bits after the FCS is ap-
pended.
.
Figure 35.
ISO 8802-3 (IEEE/ANSI 802.3) Data Frame
Preamble
1010....1010
SFD
10101011
Destination
Address
Source
Address
Length
LLC
Data
Pad
FCS
4
Bytes
46 – 1500
Bytes
2
Bytes
6
Bytes
6
Bytes
8
Bits
56
Bits
22206B-38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com