Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 36Page - Advanced Micro Devices AM79C978 Datasheet HTML 37Page - Advanced Micro Devices AM79C978 Datasheet HTML 38Page - Advanced Micro Devices AM79C978 Datasheet HTML 39Page - Advanced Micro Devices AM79C978 Datasheet HTML 40Page - Advanced Micro Devices AM79C978 Datasheet HTML 41Page - Advanced Micro Devices AM79C978 Datasheet HTML 42Page - Advanced Micro Devices AM79C978 Datasheet HTML 43Page - Advanced Micro Devices AM79C978 Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 261 page
background image
40
Am79C978
Disconnect When Busy
The Am79C978 controller cannot service any slave ac-
cess while it is reading the contents of the EEPROM.
Simultaneous access is not allowed in order to avoid
conflicts, since the EEPROM is used to initialize some
of the PCI configuration space locations and most of
the BCRs and CSR116. The EEPROM read operation
will always happen automatically after the deassertion
of the RST pin. In addition, the host can start the read
operation by setting the PREAD bit (BCR19, bit 14).
While the EEPROM read is on-going, the Am79C978
controller will disconnect any slave access where it is
the target by asserting STOP together with DEVSEL,
while driving TRDY high. STOP will stay asserted until
the end of the cycle.
A second situation where the Am79C978 controller will
generate a PCI disconnect/retry cycle is when the host
tries to access any of the I/O resources right after hav-
ing read the Reset register. Since the access gener-
ates an internal reset pulse of about 1 ms in length, all
further slave accesses will be deferred until the internal
reset operation is completed. See Figure 8.
Disconnect Of Burst Transfer
The Am79C978 controller does not support burst ac-
cess to the configuration space, the I/O resources, or
to the Expansion Bus. The host indicates a burst trans-
action by keeping FRAME asserted during the data
phase. When the Am79C978 controller sees FRAME
and IRDY asserted in the clock cycle before it wants to
assert TRDY, it also asserts STOP at the same time.
The transfer of the first data phase is still successful,
since IRDY and TRDY are both asserted. See Figure 9.
If the host is not yet ready when the Am79C978 control-
ler asserts TRDY, the device will wait for the host to as-
sert IRDY. When the host asserts IRDY and FRAME is
still asserted, the Am79C978 controller will finish the
first data phase by deasserting TRDY one clock later.
At the same time, it will assert STOP to signal a discon-
nect to the host. STOP will stay asserted until the host
removes FRAME. See Figure 10.
Figure 8.
Disconnect of Slave Cycle When Busy
Figure 9.
Disconnect of Slave Burst Transfer - No
Host Wait States
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
1
2345
CMD
PAR
PAR
PAR
BE
DATA
ADDR
22206B-11
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
1
2345
BE
PAR
PAR
PAR
BE
DATA
1st DATA
22206B-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com