Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 32Page - Advanced Micro Devices AM79C978 Datasheet HTML 33Page - Advanced Micro Devices AM79C978 Datasheet HTML 34Page - Advanced Micro Devices AM79C978 Datasheet HTML 35Page - Advanced Micro Devices AM79C978 Datasheet HTML 36Page - Advanced Micro Devices AM79C978 Datasheet HTML 37Page - Advanced Micro Devices AM79C978 Datasheet HTML 38Page - Advanced Micro Devices AM79C978 Datasheet HTML 39Page - Advanced Micro Devices AM79C978 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 261 page
background image
36
Am79C978
The Auto-Poll’s frequency of generating MII manage-
ment frames can be adjusted by setting of the APDW
bits (BCR32, bits 10-8). The delay can be adjusted
from 0 MDC periods to 2048 MDC periods. Auto-Poll
by default will only read the MII Status register of the
currently active PHY.
Network Port Manager
If the PHY is active, the Network Port Manager will re-
quest status from the selected PHY by generating MII
management frames. These frames will be sent
roughly every 900 ms. These frames are necessary so
that the Network Port Manager can monitor the current
active link and can notify the software if the current link
goes down.
10BASE-T PHY
The 10BASE-T transceiver incorporates the physical
layer function, including both clock recovery (ENDEC)
and transceiver function. Data transmission over the
10BASE-T medium requires an integrated 10BASE-T
MAU. The transceiver will meet the electrical require-
ments for 10BASE-T as specified in IEEE 802.3i. The
transmit signal is filtered on the transceiver to reduce
harmonic content per IEEE 802.3i. Since filtering is
performed in silicon, external filtering modules are not
needed. The 10BASE-T PHY transceiver receives 10
Mbps data from the MAC across the internal MII at 2.5
million nibbles per second (parallel), or 10 million bits
per second (serial) for 10BASE-T. It then Manchester
encodes the data before transmission to the network.
The RX+ pins are differential twisted-pair receivers.
When properly terminated, each receiver will meet the
electrical requirements for 10BASE-T as specified in
IEEE 802.3i. Each receiver has internal filtering and
does not r e qu ir e external fil ter modules. T h e
10BASE-T PHY transceiver receives a Manchester
coded 10BASE-T data stream from the medium. It then
recovers the clock and decodes the data. The data
stream is presented at the internal MII interface in par-
allel format.
PCI and JTAG Configuration Information
The PCI device ID and software configuration informa-
tion is as follows in Table 3 and Table 4.
Table 3.
PCI Device ID
Table 4.
PCI Software Configuration
Slave Bus Interface Unit
The slave Bus Interface Unit (BIU) controls all ac-
cesses to the PCI configuration space, the Control and
Status Registers (CSR), the Bus Configuration Regis-
ters (BCR), and the Address PROM (APROM) loca-
tions. Table 5 shows the response of the Am79C978
controller to each of the PCI commands in slave mode.
Table 5.
Slave Commands
Slave Configuration Transfers
The host can access the PCI configuration space with
a c o nfigur ation r ead or wr ite command. T h e
Am79C978 controller will assert DEVSEL during the
address phase when IDSEL is asserted, AD[1:0] are
both 0, and the access is a configuration cycle. AD[7:2]
select the DWord location in the configuration space.
The Am79C978 controller ignores AD[10:8], because it
Vendor ID
Device ID
Rev ID (offset 0x08)
1022
2001
51
CSR89
CSR88
JTAG
00001262h
00006003h
1262 6003h
C[3:0]
Command
Use
0000
Interrupt
Acknowledge
Not used
0001
Special Cycle
Not used
0010
I/O Read
Read of CSR, BCR, APROM,
and Reset registers
0011
I/O Write
Write to CSR, BCR, and
APROM
0100
Reserved
0101
Reserved
0110
Memory Read
Memory mapped I/O read of
CSR, BCR, APROM, and
Reset registers. Read of the
Expansion Bus
0111
Memory Write
Memory mapped I/O write of
CSR, BCR, and APROM
1000
Reserved
1001
Reserved
1010
Configuration
Read
Read of the Configuration
Space
1011
Configuration
Write
Write to the Configuration
Space
1100
Memory Read
Multiple
Aliased to Memory Read
1101
Dual Address
Cycle
Not used
1110
Memory Read
Line
Aliased to Memory Read
1111
Memory Write
Invalidate
Aliased to Memory Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com