Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 38Page - Advanced Micro Devices AM79C978 Datasheet HTML 39Page - Advanced Micro Devices AM79C978 Datasheet HTML 40Page - Advanced Micro Devices AM79C978 Datasheet HTML 41Page - Advanced Micro Devices AM79C978 Datasheet HTML 42Page - Advanced Micro Devices AM79C978 Datasheet HTML 43Page - Advanced Micro Devices AM79C978 Datasheet HTML 44Page - Advanced Micro Devices AM79C978 Datasheet HTML 45Page - Advanced Micro Devices AM79C978 Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 261 page
background image
42
Am79C978
Figure 12.
Slave Cycle Data Parity Error Response
Master Bus Interface Unit
The master Bus Interface Unit (BIU) controls the acqui-
sition of the PCI bus and all accesses to the initializa-
tion block, descriptor rings, and the receive and
transmit buffer memory. Table 7 shows the usage of
PCI commands by the Am79C978 controller in master
mode.
Bus Acquisition
The microcode will determine when a DMA transfer
should be initiated. The first step in any bus master
transfer is to acquire ownership of the bus. This task is
handled by synchronous logic within the BIU. Bus own-
ership is requested with the REQ signal and ownership
is granted by the arbiter through the GNT signal.
Figure 13 shows the Am79C978 controller bus acquisi-
tion. REQ is asserted and the arbiter returns GNT while
ano ther bu s m a st er is tra n s f er ri ng d a ta. T h e
Am79C978 controller waits until the bus is idle
(FRAME and IRDY deasserted) before it starts driving
AD[31:0] and C/BE[3:0] on clock 5. FRAME is asserted
at clock 5 indicating a valid address and command on
AD[31:0] and C/BE[3:0]. The Am79C978 controller
does not use address stepping which is reflected by
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
PAR
ADDR
CMD
PAR
1
2345678
10
9
DATA
PAR
BE
PERR
22206B-15
Table 7.
Master Commands
C[3:0]
Command
Use
0000
Interrupt
Acknowledge
Not used
0001
Special Cycle
Not used
0010
I/O Read
Not used
0011
I/O Write
Not used
0100
Reserved
0101
Reserved
0110
Memory Read
Read of the initialization
block and descriptor
rings
Read of the transmit
buffer in non-burst mode
0111
Memory Write
Write to the descriptor
rings and to the receive
buffer
1000
Reserved
1001
Reserved
1010
Configuration Read
Not used
1011
Configuration Write
Not used
1100
Memory Read
Multiple
Read of the transmit
buffer in burst mode
1101
Dual Address Cycle Not used
1110
Memory Read Line
Read of the transmit
buffer in burst mode
1111
Memory Write
Invalidate
Not used
Table 7.
Master Commands (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com