Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 88Page - Advanced Micro Devices AM79C978 Datasheet HTML 89Page - Advanced Micro Devices AM79C978 Datasheet HTML 90Page - Advanced Micro Devices AM79C978 Datasheet HTML 91Page - Advanced Micro Devices AM79C978 Datasheet HTML 92Page - Advanced Micro Devices AM79C978 Datasheet HTML 93Page - Advanced Micro Devices AM79C978 Datasheet HTML 94Page - Advanced Micro Devices AM79C978 Datasheet HTML 95Page - Advanced Micro Devices AM79C978 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 261 page
background image
92
Am79C978
NAND Tree Testing
The controller provides a NAND tree test mode to allow
checking connectivity to the device on a printed circuit
board. The NAND tree is built on all PCI bus pins.
NAND tree testing is enabled by asserting RST. PG
input should be driven HIGH during NAND tree testing.
All PCI bus signals will become inputs on the assertion
of RST. The result of the NAND tree test can be ob-
served on the INTA pin. See Figure 48.
Pin 141 (RST) is the first input to the NAND tree. Pin
142 (CLK) is the second input to the NAND tree, fol-
lowed by pin 143 (GNT). All other PCI bus signals fol-
low, counterclockwise, with pin 61 (AD0) being the last.
Table 21 and Table 22 shows the complete list of pins
connected to the NAND tree.
RST must be asserted low to start a NAND tree test se-
quence. Initially, all NAND tree inputs except RST
should be driven high. This will result in a high output
at the INTA pin. If the NAND tree inputs are driven from
high to low in the same order as they are connected to
build the NAND tree, INTA will toggle every time an ad-
ditional input is driven low. INTA will change to low,
when CLK is driven low and all other NAND tree inputs
stay high. INTA will toggle back to high, when GNT is
additionally driven low. The square wave will continue
until all NAND tree inputs are driven low. INTA will be
high, when all NAND tree inputs are driven low. See
Figure 49.
Some of the pins connected to the NAND tree are out-
puts in normal mode of operation. They must not be
driven from an external source until the controller is
configured for NAND tree testing.
Figure 48.
NAND Tree Circuitry (160 PQFP)
Am79C972
Core
RST (pin141)
CLK (pin 142)
VDD
GNT (pin 143)
AD0 (pin 61)
INTA (pin 140)
B
A
S
MUX
O
....
INTA
Am79C978
Core
22206B-52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com