Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 42Page - Advanced Micro Devices AM79C978 Datasheet HTML 43Page - Advanced Micro Devices AM79C978 Datasheet HTML 44Page - Advanced Micro Devices AM79C978 Datasheet HTML 45Page - Advanced Micro Devices AM79C978 Datasheet HTML 46Page - Advanced Micro Devices AM79C978 Datasheet HTML 47Page - Advanced Micro Devices AM79C978 Datasheet HTML 48Page - Advanced Micro Devices AM79C978 Datasheet HTML 49Page - Advanced Micro Devices AM79C978 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 261 page
background image
46
Am79C978
ample, the memory system extends the data phase of
the first access by one wait state. The following three
data phases take one clock cycle each, which is deter-
mined by the timing of TRDY. The example assumes
that EXTREQ (BCR18, bit 8) is set to 1, therefore, REQ
is not deasserted until the next to last data phase is fin-
ished.
Target Initiated Termination
When the Am79C978 controller is a bus master, the cy-
cles it produces on the PCI bus may be terminated by
the target in one of three different ways: disconnect
with data transfer, disconnect without data transfer, and
target abort.
Disconnect With Data Transfer
Figure 18 shows a disconnection in which one last data
transfer occurs after the target asserted STOP. STOP
is asserted on clock 4 to start the termination se-
quence. Data is still transferred during this cycle, since
both IRDY and TRDY are asserted. The Am79C978
controller terminates the current transfer with the deas-
sertion of FRAME on clock 5 and of IRDY one clock
later. It finally releases the bus on clock 7. If it wants to
transfer more data, the Am79C978 controller will again
request the bus after two clock cycles. The starting ad-
dress of the new transfer will be the address of the next
non-transferred data.
Figure 17.
Burst Write Transfer (EXTREQ = 1)
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
1
2345678
ADDR
DATA
DATA
DATA
BE
0111
9
PAR
PAR
PAR
PAR
PAR
DATA
PAR
DEVSEL
is sampled
22206B-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com