Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 59Page - Advanced Micro Devices AM79C978 Datasheet HTML 60Page - Advanced Micro Devices AM79C978 Datasheet HTML 61Page - Advanced Micro Devices AM79C978 Datasheet HTML 62Page - Advanced Micro Devices AM79C978 Datasheet HTML 63Page - Advanced Micro Devices AM79C978 Datasheet HTML 64Page - Advanced Micro Devices AM79C978 Datasheet HTML 65Page - Advanced Micro Devices AM79C978 Datasheet HTML 66Page - Advanced Micro Devices AM79C978 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 261 page
background image
Am79C978
63
1. The controller does not own the current TDTE and
TXDPOLL = 0 (CSR4, bit 12) and TXON = 1 (CSR0,
bit 4) and the poll time has elapsed, or
2. The controller does not own the current TDTE and
TXDPOLL = 0 and TXON = 1 and a frame has just
been received, or
3. The controller does not own the current TDTE and
TXDPOLL = 0 and TXON = 1 and a frame has just
been transmitted.
Setting the TDMD bit of CSR0 will cause the microcode
controller to exit the poll counting code and immedi-
ately perform a polling operation. If RDTE ownership
has not been previously established, then an RDTE
poll will be performed ahead of the TDTE poll. If the mi-
crocode is not executing the poll counting code when
the TDMD bit is set, then the demanded poll of the
TDTE will be delayed until the microcode returns to the
poll counting code.
The user may change the poll time value from the de-
fault of 65,536 clock periods by modifying the value in
the Polling Interval register (CSR47).
Transmit Descriptor Table Entry
If, after a Transmit Descriptor Table Entry (TDTE) ac-
cess, the Am79C978 controller finds that the OWN bit
of that TDTE is not set, the Am79C978 controller re-
sumes the poll time count and re-examines the same
TDTE at the next expiration of the poll time count.
If the OWN bit of the TDTE is set, but the Start of
Packet (STP) bit is not set, the Am79C978 controller
will immediately request the bus in order to clear the
OWN bit of this descriptor. (This condition would nor-
mally be found following a late collision (LCOL) or retry
(RTRY) error that occurred in the middle of a transmit
frame chain of buffers.) After resetting the OWN bit of
this descriptor, the Am79C978 controller will again im-
mediately request the bus in order to access the next
TDTE location in the ring.
If the OWN bit is set and the buffer length is 0, the OWN
bit will be cleared. In the C-LANCE device, the buffer
length of 0 is interpreted as a 4096-byte buffer. A zero
length buffer is acceptable as long as it is not the last
buffer in a chain (STP = 0 and ENP = 1).
If the OWN bit and STP are set, then microcode control
proceeds to a routine that will enable transmit data
transfers to the FIFO. TheAm79C978 controller will
look ahead to the next transmit descriptor after it has
performed at least one transmit data transfer from the
first buffer.
If the Am79C978 controller does not own the next
TDTE (i.e., the second TDTE for this frame), it will com-
plete transmission of the current buffer and update the
status of the current (first) TDTE with the BUFF and
UFLO bits being set. If DXSUFLO (CSR3, bit 6) is
cleared to 0, the underflow error will cause the trans-
mitter to be disabled (CSR0,
TXON = 0).
TheAm79C978 controller will have to be re-initialized to
restore the transmit function. Setting DXSUFLO to 1
enables the Am79C978 controller to gracefully recover
from an underflow error. The device will scan the trans-
mit descriptor ring until it finds either the start of a new
frame or a TDTE it does not own. To avoid an underflow
situation in a chained buffer transmission, the system
should always set the transmit chain descriptor own
bits in reverse order.
If the Am79C978 controller does own the second TDTE
in a chain, it will gradually empty the contents of the first
buffer (as the bytes are needed by the transmit opera-
tion), perform a single-cycle DMA transfer to update
the status of the first descriptor (clear the OWN bit in
TMD1), and then it may perform one data DMA access
on the second buffer in the chain before executing an-
other lookahead operation. (i.e., a
lookahead to the
third descriptor.)
It is imperative that the host system never reads the
TDTE OWN bits out of order. TheAm79C978 controller
normally clears OWN bits in strict FIFO order. How-
ever, the Am79C978 controller can queue up to two
frames in the transmit FIFO. When the second frame
uses buffer chaining, the Am79C978 controller might
return ownership out of normal FIFO order. The OWN
bit for the last (and maybe only) buffer of the first frame
is not cleared until transmission is completed. During
the transmission the Am79C978 controller will read in
buffers for the next frame and clear their OWN bits for
all but the last one. The first and all intermediate buffers
of the second frame can have their OWN bits cleared
before the Am79C978 controller returns ownership for
the last buffer of the first frame.
If an error occurs in the transmission before all of the
bytes of the current buffer have been transferred,
transmit status of the current buffer will be immediately
updated. If the buffer does not contain the end of
packet, the Am79C978 controller will skip over the rest
of the frame which experienced the error. This is done
by returning to the polling microcode where the
Am79C978 controller will clear the OWN bit for all de-
scriptors with OWN = 1 and STP = 0 and continue in
like manner until a descriptor with OWN = 0 (no more
transmit frames in the ring) or OWN = 1 and STP = 1
(the first buffer of a new frame) is reached.
At the end of any transmit operation, whether success-
ful or with errors, immediately following the completion
of the descriptor updates, the Am79C978 controller will
always perform another polling operation. As described
earlier, this polling operation will begin with a check of
the current RDTE, unless the Am79C978 controller al-
ready owns that descriptor. Then the Am79C978 con-
troller will poll the next TDTE. If the transmit descriptor
OWN bit has a 0 value, the Am79C978 controller will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com