Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 37Page - Advanced Micro Devices AM79C978 Datasheet HTML 38Page - Advanced Micro Devices AM79C978 Datasheet HTML 39Page - Advanced Micro Devices AM79C978 Datasheet HTML 40Page - Advanced Micro Devices AM79C978 Datasheet HTML 41Page - Advanced Micro Devices AM79C978 Datasheet HTML 42Page - Advanced Micro Devices AM79C978 Datasheet HTML 43Page - Advanced Micro Devices AM79C978 Datasheet HTML 44Page - Advanced Micro Devices AM79C978 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 261 page
background image
Am79C978
41
Figure 10.
Disconnect of Slave Burst Transfer -
Host Inserts Wait States
Parity Error Response
When the Am79C978 controller is not the current bus
master, it samples the AD[31:0], C/BE[3:0], and the
PAR lines during the address phase of any PCI com-
mand for a parity error. When it detects an address par-
ity error, the Am79C978 controller sets PERR (PCI
Status register, bit 15) to 1. When reporting of that error
is enabled by setting SERREN (PCI Command regis-
ter, bit 8) and PERREN (PCI Command register, bit 6)
to 1, the Am79C978 controller also drives the SERR
signal low for one clock cycle and sets SERR (PCI Sta-
tus register, bit 14) to 1. The assertion of SERR follows
t he add r e ss phase by two clock cy cles. T h e
Am79C978 controller will not assert DEVSEL for a PCI
transaction that has an address parity error when PER-
REN and SERREN are set to 1. See Figure 11.
Figure 11.
Address Parity Error Response
During the data phase of an I/O write, memory-mapped
I/O write, or configuration write command that selects
the Am79C978 controller as target, the device samples
the AD[31:0] and C/BE[3:0] lines for parity on the clock
edge, and data is transferred as indicated by the asser-
tion of IRDY and TRDY. PAR is sampled in the follow-
ing clock cycle. If a parity error is detected and
reporting of that error is enabled by setting PERREN
(PCI Command register, bit 6) to 1, PERR is asserted
one clock later. The parity error will always set PERR
(PCI Status register, bit 15) to 1 even when PERREN
is cleared to 0. The Am79C978 controller will finish a
transaction that has a data parity error in the normal
way by asserting TRDY. The corrupted data will be writ-
ten to the addressed location.
Figure 12 shows a transaction that suffered a parity
error at the time data was transferred (clock 7, IRDY
and TRDY are both asserted). PERR is driven high at
the beginning of the data phase and then drops low due
to the parity error on clock 9, two clock cycles after the
data was transferred. After PERR is driven low, the
Am79C978 controller drives PERR high for one clock
cycle, since PERR is a sustained tri-state signal.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
1
23456
PAR
BE
PAR
PAR
BE
DATA
1st DATA
22206B-13
FRAME
CLK
AD
SERR
C/BE
DEVSEL
1
2345
PAR
PAR
ADDR
1st DATA
BE
CMD
PAR
22206B-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com