Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 75Page - Advanced Micro Devices AM79C978 Datasheet HTML 76Page - Advanced Micro Devices AM79C978 Datasheet HTML 77Page - Advanced Micro Devices AM79C978 Datasheet HTML 78Page - Advanced Micro Devices AM79C978 Datasheet HTML 79Page - Advanced Micro Devices AM79C978 Datasheet HTML 80Page - Advanced Micro Devices AM79C978 Datasheet HTML 81Page - Advanced Micro Devices AM79C978 Datasheet HTML 82Page - Advanced Micro Devices AM79C978 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 261 page
background image
Am79C978
79
Data Symbols
Data symbols encode data for a much higher transmis-
sion rate, and they do not allow collision detection.
Data Transmit Timing
A data symbol interval begins with the beginning of
transmission of a pulse as shown in Figure 40. Trans-
mit Symbol timing (in TICS) is measured from this point
(TIC = 0).
Depending on the data code, the next pulse may begin
at any PULSE_POSITION_N where N = 0 to 24. Each
position is separated from the previous one by one TIC.
PULSE_POSITION_0 occurs at a value defined in
Table 13 which determines the transmission speed.
When a pulse begins transmission, the previous sym-
bol interval ends and a new one begins immediately.
Table 13.
Blanking Interval Speed Settings
Figure 40.
Transmit Data Symbol Timing
Data Receive Timing
The incoming waveform is formed from the transmitted
pulse. The receiver detects the point at which the enve-
lope of the received waveform crosses a set threshold.
See Figure 41.
Immediately after the threshold crossing, the receiver
disables any further detection for a period ISBI-3 TICs
(HPR28 ISBI_SLOW or ISBI_FAST) starting with the
detection of the pulse peak.
The receiver is then re-enabled for pulse detection.
Upon reception of the next pulse, the receiver mea-
sures the elapsed time from the previous pulse. This
value is then placed in the nearest pulse position bin
( o n e of 25 ) whe r e pu lse po sitio n 0 is at
PULSE_POSITION_0 and each subsequent position is
spaced one TIC from the previous one as defined in the
Data Transmit Timing section. Data symbol intervals
are therefore variable and depend on the encoded
data.
Figure 41.
Receive Symbol Timing
Speed Setting
Nominal Data
Rate
PULSE_POSITION_0
Value
(in TICs)
LOW_SPEED
0.7 Mbps
44
HIGH_SPEED
1.0 Mbps
28
Symbol 1
Symbol 2
Pulse 0
Data Blanking interval (DISBI)
Pulse 1
Pulse 2
1 TIC
START_TX_PULSE
TIC=0
END_TX_PULSE
time
PULSE_POSITION_0
time
Position 1
Position n1
Position 0
Position 1
Position n2
n=0-24
Transmitter
22206B-44
Symbol 1
Symbol 2
Pulse 0
Detected Envelope
Pulse 1
Pulse 2
Begin of receive
Blanking interval
END_DATA_BLANK
Position 1
Position n1
Position 0
Position 1
Position n2
Position 0
Data slice
threshold
Receiver
22206B-45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com