Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 45Page - Advanced Micro Devices AM79C978 Datasheet HTML 46Page - Advanced Micro Devices AM79C978 Datasheet HTML 47Page - Advanced Micro Devices AM79C978 Datasheet HTML 48Page - Advanced Micro Devices AM79C978 Datasheet HTML 49Page - Advanced Micro Devices AM79C978 Datasheet HTML 50Page - Advanced Micro Devices AM79C978 Datasheet HTML 51Page - Advanced Micro Devices AM79C978 Datasheet HTML 52Page - Advanced Micro Devices AM79C978 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 261 page
background image
Am79C978
49
Figure 20.
Target Abort
When the preemption occurs after the counter has
counted down to 0, the Am79C978 controller will finish
the current data phase, deassert FRAME, finish the
last data phase, and release the bus. Note that it is im-
portant for the host to program the PCI Latency Timer
according to the bus bandwidth requirement of the
Am79C978 controller. The host can determine this bus
bandwidth requirement by reading the PCI MAX_LAT
and MIN_GNT registers.
Figure 22 assumes that the PCI Latency Timer has
counted down to 0 on clock 7.
Master Abort
TheAm79C978 controller will terminate its cycle with a
Master Abort sequence if DEVSEL is not asserted
within 4 clocks after FRAME is asserted. Master Abort
is treated as a fatal error by the Am79C978 controller.
TheAm79C978 controller will reset all CSR locations to
their STOP_RESET values. The BCR and PCI config-
uration registers will not be cleared. Any on-going net-
wo rk tran smission is te rm inated in an orde rly
sequence. If less than 512 bits have been transmitted
onto the network, the transmission will be terminated
immediately, generating a runt packet. If 512 bits or
more have been transmitted, the message will have the
current FCS inverted and appended at the next byte
boundary to guarantee an FCS error is detected at the
receiving station.
RMABORT (in the PCI Status register, bit 13) will be set
to indicate that the Am79C978 controller has termi-
nated its transaction with a master abort. In addition,
SINT (CSR5, bit 11) will be set to 1. When SINT is set,
INTA is asserted if the enable bit SINTE (CSR5, bit 10)
is set to 1. This mechanism can be used to inform the
driver of the system error. The host can read the PCI
Status register to determine the exact cause of the in-
terrupt. See Figure 23.
Parity Error Response
During every data phase of a DMA read operation,
when the target indicates that the data is valid by as-
serting TRDY, the Am79C978 controller samples the
AD[31:0], C/BE[3:0], and the PAR lines for a data parity
error. When it d etects a da ta pa rity error, th e
Am79C978 controller sets PERR (PCI Status register,
bit 15) to 1. When reporting of that error is enabled by
setting PERREN (PCI Command register, bit 6) to 1,
the Am79C978 controller also drives the PERR signal
low and sets DATAPERR (PCI Status register, bit 8) to
1. The assertion of PERR follows the corrupted data/
byte enables by two clock cycles and PAR by one clock
cycle.
Figure 24 shows a transaction that has a parity error in
the data phase. TheAm79C978 controller asserts
PERR on clock 8, two clock cycles after data is valid.
The data on clock 5 is not checked for parity, because
on a read access, PAR is only required to be valid one
clock af ter th e tar g e t has asser t ed T RDY.
TheAm79C978 controller then drives PERR high for
one clock cycle, since PERR is a sustained tri-state
signal.
During every data phase of a DMA write operation, the
Am79C978 controller checks the PERR input to see if
the target reports a parity error. When it sees the PERR
input asserted, the Am79C978 controller sets PERR
(PCI Status register, bit 15) to 1. When PERREN (PCI
Command register, bit 6) is set to 1, the Am79C978
controller also sets DATAPERR (PCI Status register, bit
8) to 1.
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
REQ
GNT
PAR
DEVSEL
is sampled
2
34567
ADDR
0000
0111
PAR
PAR
DATA
STOP
1
22206B-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com