Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C978 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C978
Description  Single-Chip 1/10 Mbps PCI Home Networking Controller
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C978 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C978 Datasheet HTML 28Page - Advanced Micro Devices AM79C978 Datasheet HTML 29Page - Advanced Micro Devices AM79C978 Datasheet HTML 30Page - Advanced Micro Devices AM79C978 Datasheet HTML 31Page - Advanced Micro Devices AM79C978 Datasheet HTML 32Page - Advanced Micro Devices AM79C978 Datasheet HTML 33Page - Advanced Micro Devices AM79C978 Datasheet HTML 34Page - Advanced Micro Devices AM79C978 Datasheet HTML 35Page - Advanced Micro Devices AM79C978 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 261 page
background image
32
Am79C978
Table 2.
External Clock/Crystal Select
XTAL1
Crystal Oscillator In
Input
The internal clock generator utilizes either a 20-MHz
crystal that is attached to pins XTAL1 and XTAL2 or a
60-MHz clock source connected to XTAL1. This pin is
not 5 V tolerant, and the 60 MHz clock source must be
from a 3.3 V source.
XTAL2
Crystal Oscillator Out
Output
The internal clock generator utilizesd a 20-MHz crystal
that is attached to pins XTAL1 and XTAL2.
Power Supply
VDDB
I/O Buffer Power (5 Pins)
+3.3 V Power
These pins are the power supply pins that are used by
the input/output buffer drivers. All VDDB pins must be
connected to a +3.3 V supply.
VDD_PCI
PCI I/O Buffer Power (9 Pins)
+3.3 V Power
These pins are the power supply pins that are used by
the PCI input/output buffer drivers (except PME driver).
All VDD_PCI pins must be connected to a +3.3 V sup-
ply.
VSSB
I/O Buffer Ground (15 Pins)
Ground
These pins are the ground pins that are used by the
input/output buffer drivers.
VDD
Digital Power (7 Pins)
+3.3 V Power
These pins are the power supply pins that are used by
the internal digital circuitry. All VDD pins must be con-
nected to a +3.3 V supply.
VSS
Digital Ground (7 Pins)
Ground
There are seven ground pins that are used by the inter-
nal digital circuitry.
DVDDD
10BASE-T PDX Block Power
+3.3 V Power
This pin supplies power to the 10 Mbps Transceiver
block. It must be connected to a +3.3 V ±300 mV
source. This pin requires careful decoupling to ensure
proper device performance.
DVDDRX, DVDDTX
10BASE-T I/O Buffer Power
+3.3 V Power
These pins supply power to the 10BASE-T input/output
buffers. They must be connected to a +3.3 V ±300 mV
source. These pins require careful decoupling to en-
sure proper device performance.
DVDDA
Analog PLL Power
+3.3 V Power
This pin supplies power to the IREF current reference
circuit and the 10BASE-T analog PLL. They must be
connected to a +3.3 V ±300 mV source. These pins re-
quire careful decoupling to ensure proper device per-
formance.
DVSSX, DVSSA
10BASE-T PDX Analog Ground
Ground
These pins are the ground connection for the analog
section within the Physical Data Transceiver (PDX)
block.
DVSSD
10BASE-T PDX Digital Ground
Ground
This pin is the ground connection for the digital logic
within the PDX block.
VDDCO
Crystal
+3.3 V Power
This pin supplies power to the crystal circuit.
VDDHR
HomePNA Digital Power
+3.3 V Power
These pins are the digital power supply pins that are
used by the internal digital circuitry for the HomePNA
block. They must be connected to a +3.3 V source.
VSSHR
HomePNA Analog Ground
Ground
This pin is the ground connection for the analog section
within the HomePNA block.
DVDDA_HR
HomePNA Analog Power
+3.3 V Power
This pin supplies power to the analog section of the
HomePNA block. It must be connected to a +3.3 V
±300 mV source. This pin requires careful decoupling
to ensure proper device performance.
Input Pin
Output
Pin
XCLK/XTAL
Clock Source
XTAL1
XTAL2
0
20-MHz Crystal
XTAL1
Don’t Care
1
60-MHz Oscillator/
External CLK
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com